Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 42 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 42 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 38Page - Dallas Semiconductor DS1864 Datasheet HTML 39Page - Dallas Semiconductor DS1864 Datasheet HTML 40Page - Dallas Semiconductor DS1864 Datasheet HTML 41Page - Dallas Semiconductor DS1864 Datasheet HTML 42Page - Dallas Semiconductor DS1864 Datasheet HTML 43Page - Dallas Semiconductor DS1864 Datasheet HTML 44Page - Dallas Semiconductor DS1864 Datasheet HTML 45Page - Dallas Semiconductor DS1864 Datasheet HTML 46Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
42
____________________________________________________________________
Table 01h (Table 00h in DS1859 Configuration), F8h: Alarm Masks
FACTORY DEFAULT:
00h
MEMORY TYPE:
Shadowed Memory (SEE)
F8h
TMPhi
TMPlo
VCChi
VCClo
MON1hi
MON1lo
MON2hi
MON2lo
bit7
bit0
Bytes F8h and F9h configure a maskable interrupt, determining which alarm flags assert the MINT bit (Lower Memory, byte 71h, bit
0). If one of the interrupts is desired, its bit must be written to a 1 here. If no interrupt is desired, the bit should be written to a 0.
These bit locations do not match the register locations as called out in the SFF-8472, therefore another four byte set is also stored in
Table 05h, registers F8h to FBh. The MASK configuration bit (Table 04h (Table 01h in DS1859 configuration), register DAh, bit 0)
determines which of these mask sets is used to generate the MINT interrupt.
bit7
TMPalmhimask: Determines if an interrupt is generated for a High Temperature Alarm Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit6
TMPalmlomask: Determines if an interrupt is generated for a Low Temperature Alarm Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit5
VCCalmhimask: Determines if an interrupt is generated for a High VCC Alarm Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit4
VCCalmlomask: Determines if an interrupt is generated for a Low VCC Alarm Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit3
MON1almhimask: Determines if an interrupt is generated for a High MON1 Alarm Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit2
MONalmlomask: Determines if an interrupt is generated for a Low MON1 Alarm Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit1
MON2almhimask: Determines if an interrupt is generated for a High MON2 Alarm Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit0
MON2almlomask: Determines if an interrupt is generated for a Low MON2 Alarm Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com