Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 12Page - Dallas Semiconductor DS1864 Datasheet HTML 13Page - Dallas Semiconductor DS1864 Datasheet HTML 14Page - Dallas Semiconductor DS1864 Datasheet HTML 15Page - Dallas Semiconductor DS1864 Datasheet HTML 16Page - Dallas Semiconductor DS1864 Datasheet HTML 17Page - Dallas Semiconductor DS1864 Datasheet HTML 18Page - Dallas Semiconductor DS1864 Datasheet HTML 19Page - Dallas Semiconductor DS1864 Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
16
____________________________________________________________________
Detailed Description
The DS1864 manages all system monitoring functions
in a fiber-optic data transceiver module in accordance
with SFF-8472 MSA. The IC communicates with a host
system through a I2C bus, and can be programmed
with a unique I2C address.
The IC offers temperature-controlled lookup tables for
its two current-sink DACs. Monitoring and calibration
functions for supply voltage, temperature and three
analog signals are available, as well as programmable
alarm and warning flags for these signals which can be
used to trigger interrupts based on user-specified limits.
The IC also possesses laser shutdown (eye safety) fea-
tures such as programmable fast-trip alarms and inter-
rupts, in addition to signals such as FETG for laser
safety disconnect.
The memory is protected by a customizable two-layer
password scheme. Furthermore, the memory layout
can be configured to be compatible with the
DS1852/DS1856 or the DS1859.
An overview of the DS1864’s functions is shown in the
block diagram in Figure 11. Additional DS1864 func-
tions are shown in Figures 12 and 13.
Control Features
The DS1864 contains two current-sink DACs, DAC0 and
DAC1. Normally, each DAC is controlled by a tempera-
ture-indexed lookup table (LUT), which can change the
DAC settings based on the temperature measured by
the internal temperature sensor. However, each DAC
can also be manually programmed by the user.
DAC0 and DAC1
The current-sink DACs are linear and have two user-
selectable ranges, 1.5mA and 0.5mA. The range is
selected by the DAC0R and DAC1R bits located in
address 88h in Table 04h (Table 01h in DS1859 config-
uration). The 1.5mA range is selected when the corre-
sponding bit is set to a 1, and the 0.5mA range is
selected when the corresponding bit is set to a 0. The
temperature-indexed LUT for each DAC determines the
value to be loaded in to the DAC0 and DAC1 registers
(bytes 82h and 83h respectively in Table 04h (Table 01h
in DS1859 configuration)). The DACs can be disabled
(placed in a high-impedance mode) by pulling the TX-D
pin high. The TXDC control bit (Lower Memory Register,
byte 6Eh, bit 6) can also be used to disable the DAC
outputs by placing them in a high-impedance state.
To determine the DAC position to produce a desired
current, the following equation can be used:
Update bits are provided to indicate when an A/D con-
version has completed for each monitored value. These
bits are located in Lower Memory, byte 77h.
DAC Lookup Table (LUT) Operation
The current-sink DAC settings are determined by tem-
perature-controlled Lookup Tables (LUTs). The LUTs
are located in Table 02h for DAC0 and Table 03h for
DAC1. The lookup tables are 72 bytes each and allow
the biasing to be adjusted every 2°C between -40°C
and +102°C. Temperatures less than -40°C or greater
than +102°C use the -40°C or +102°C values, respec-
tively. The values programmed into the LUTs are 8-bit
unsigned values that represent the desired DAC setting
for each 2°C temperature window. The LUTs have 1°C
hysteresis (see Figure 14) to prevent the DAC’s setting
from chattering in the event the temperature remains
near a LUT switching point. Table 1 shows which regis-
ter corresponds to which temperature in the LUTs.
Figure 14 shows how the LUT chooses which memory
location to use for the DACs depending on the temper-
ature read from the internal temperature sensor.
The Temperature Index Byte (address 81h, Table 04h
(Table 01h in DS1859 configuration)) is automatically
calculated following each temperature conversion and
points to the corresponding location in the LUTs for the
DESIRED POSITION
DESIRED CURRENT
FULL SCALE CURRENT
=
⎛
⎝⎜
⎞
⎠⎟
× 255
9Ah
99h
98h
97h
96h
95h
2
4
6
8
10
12
TEMPERATURE (
°C)
INCREASING
TEMPERATURE
DECREASING
TEMPERATURE
Figure 14. LUT Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com