Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1864 Datasheet HTML 1Page - Dallas Semiconductor DS1864 Datasheet HTML 2Page - Dallas Semiconductor DS1864 Datasheet HTML 3Page - Dallas Semiconductor DS1864 Datasheet HTML 4Page - Dallas Semiconductor DS1864 Datasheet HTML 5Page - Dallas Semiconductor DS1864 Datasheet HTML 6Page - Dallas Semiconductor DS1864 Datasheet HTML 7Page - Dallas Semiconductor DS1864 Datasheet HTML 8Page - Dallas Semiconductor DS1864 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
_____________________________________________________________________
5
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.97V to 5.5V, TA = -40°C to +95°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING FOR SOFT CONTROL AND STATUS FUNCTIONS
TX-D Assert Time
tOFF
Time from TX-D set until DACs fall below
10% of nominal (Notes 13, 17)
10
ms
TX-D Deassert time
tON
Time from TX-D cleared until DACs rise
above 90% of nominal (Notes 13, 17)
50
ms
Time to Initialize, Including
Reset of TX-F
tINIT
Time from power-on or negation of TX-F
using TX-D;
serial communication possible
200
ms
TX-F Assert Time
tFAULT
Time from fault to TX-F set (Note 17)
50
ms
RX-LOS Assert Time
tLOS_ON
Time from occurrence of loss of signal to
RX-LOS set
50
ms
RX-LOS Deassert Time
tLOS_OFF
Time from occurrence of presence of signal
to RX-LOS cleared
50
ms
Rate-Select Change Time
tRATE_SEL
Time from change of state of rate-select bit
to rate-select output (RSELOUT) pin change
50
ms
I2C AC ELECTRICAL CHARACTERISTICS
(VCC = 2.97V to 5.5V; TA = -40°C to +95°C, timing referenced to VIL(MAX) and VIH(MIN).) (See Figure 19)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 14)
0
400
kHz
Bus Free Time Between Stop and
Start Conditions
tBUF
1.3
µs
Hold Time (Repeated) Start
Condition
tHD:STA
0.6
µs
Low Period of SCL
tLOW
1.3
µs
High Period of SCL
tHIGH
0.6
µs
Data Hold Time
tHD:DAT
0
0.9
µs
Data Setup Time
tSU:DAT
100
ns
Start Setup Time
tSU:STA
0.6
µs
SDA and SCL Rise Time
tR
(Note 15)
20 +
0.1CB
300
ns
SDA and SCL Fall Time
tF
(Note 15)
20 +
0.1CB
300
ns
Stop Setup Time
tSU:STO
0.6
µs
SDA and SCL Capacitive
Loading
CB
(Note 15)
400
pF
EEPROM Write Time
tW
(Note 16)
10
20
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com