Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 35 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 35 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 31Page - Dallas Semiconductor DS1864 Datasheet HTML 32Page - Dallas Semiconductor DS1864 Datasheet HTML 33Page - Dallas Semiconductor DS1864 Datasheet HTML 34Page - Dallas Semiconductor DS1864 Datasheet HTML 35Page - Dallas Semiconductor DS1864 Datasheet HTML 36Page - Dallas Semiconductor DS1864 Datasheet HTML 37Page - Dallas Semiconductor DS1864 Datasheet HTML 38Page - Dallas Semiconductor DS1864 Datasheet HTML 39Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
____________________________________________________________________
35
Lower Memory Register 70h: Alarm Flags
POWER-ON VALUE:
Determined after each channel’s first analog-to-digital conversion.
MEMORY TYPE:
Volatile (SRAM)
70h
TMPhi
TMPlo
VCChi
VCClo
MON1hi
MON1lo
MON2hi
MON2lo
bit7
bit0
bit7
TMPalmhi: High Alarm Status for Temperature measurement.
0 = Temperature measurement is below set limit.
1 = Temperature measurement is above set limit.
bit6
TMPalmlo: Low Alarm Status for Temperature measurement.
0 = Temperature measurement is above set limit.
1 = Temperature measurement is below set limit.
bit5
VCCalmhi: High Alarm Status for VCC measurement.
0 = VCC measurement is below set limit.
1 = VCC measurement is above set limit.
bit4
VCCalmlo: Low Alarm Status for VCC measurement.
0 = VCC measurement is above set limit.
1 = VCC measurement is below set limit.
bit3
MON1almhi: High Alarm Status for MON1 measurement.
0 = MON1 measurement is below set limit.
1 = MON1 measurement is above set limit.
bit2
MON1almlo: Low Alarm Status for MON1 measurement.
0 = MON1 measurement is above set limit.
1 = MON1 measurement is below set limit.
bit1
MON2almhi: High Alarm Status for MON2 measurement.
0 = MON2 measurement is below set limit.
1 = MON2 measurement is above set limit.
bit0
MON2almlo: Low Alarm Status for MON2 measurement.
0 = MON2 measurement is above set limit.
1 = MON2 measurement is below set limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com