Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 36 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 36 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 32Page - Dallas Semiconductor DS1864 Datasheet HTML 33Page - Dallas Semiconductor DS1864 Datasheet HTML 34Page - Dallas Semiconductor DS1864 Datasheet HTML 35Page - Dallas Semiconductor DS1864 Datasheet HTML 36Page - Dallas Semiconductor DS1864 Datasheet HTML 37Page - Dallas Semiconductor DS1864 Datasheet HTML 38Page - Dallas Semiconductor DS1864 Datasheet HTML 39Page - Dallas Semiconductor DS1864 Datasheet HTML 40Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
36
____________________________________________________________________
Lower Memory Register 71h: Alarm Flags
POWER-ON VALUE:
Determined after each channel’s first analog-to-digital conversion.
MEMORY TYPE:
Volatile (SRAM)
71h
MON3hi
MON3lo
RESERVED
MINT
bit7
bit0
bit7
MON3almhi: High Alarm Status for MON3 measurement.
0 = MON3 measurement is below set limit.
1 = MON3 measurement is above set limit.
bit6
MON3almlo: Low Alarm Status for MON3 measurement.
0 = MON3 measurement is above set limit.
1 = MON3 measurement is below set limit.
bit5:1
Reserved
bit0
MINT: Maskable Interrupt. An interrupt output signal that is determined by unmasked alarm and
warning flags. Masks of alarm and warning flags are located in Table 01h (Table 00h in DS1859
configuration), bytes F8h through FBh, or Table 05h, bytes F8h through FBh, depending on the state
of the MASK bit (Table 04h (Table 01h in DS1859 configuration), byte DAh, bit 0), and determine the
state of MINT. MINT is maskable to 0 if no interrupt is desired by setting bytes F8h through FBh to a
value of 00h.
Lower Memory Register 72h: Reserved Memory
72h
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com