Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 32 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 32 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 28Page - Dallas Semiconductor DS1864 Datasheet HTML 29Page - Dallas Semiconductor DS1864 Datasheet HTML 30Page - Dallas Semiconductor DS1864 Datasheet HTML 31Page - Dallas Semiconductor DS1864 Datasheet HTML 32Page - Dallas Semiconductor DS1864 Datasheet HTML 33Page - Dallas Semiconductor DS1864 Datasheet HTML 34Page - Dallas Semiconductor DS1864 Datasheet HTML 35Page - Dallas Semiconductor DS1864 Datasheet HTML 36Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
32
____________________________________________________________________
Lower Memory Register 26h to 27h: Low MON3 Warning Limit
FACTORY DEFAULT:
0000h
MEMORY TYPE:
Shadowed Memory (SEE)
26h
2
15
2
14
2
13
2
12
2
11
2
10
2
9
2
8
27h
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
bit7
bit0
Voltage measurements of the MON3 input below this threshold will set its corresponding warning bit (Lower Memory Register 75h, bit 6).
Measurements above this threshold will automatically clear its warning bit.
Lower Memory Register 28h to 37h: Reserved Memory
28h to 37h
RESERVED
Lower Memory Register 38h to 5Fh: External Calibration Constants
FACTORY DEFAULT:
00h
MEMORY TYPE:
Nonvolatile (EEPROM)
38h TO 5Fh
EEPROM
If external calibration constants are used for calibrating the transceiver module, they can be stored in this section of memory,
reserved for such use under SFF-8472.
Lower Memory Register 60h to 61h: Measured Temperature
FACTORY DEFAULT:
N/A
MEMORY TYPE:
Volatile (SRAM)
60h
S2
6
2
5
2
4
2
3
2
2
2
1
2
0
61h
2
-1
2
-2
2
-3
2
-4
2
-5
2
-6
2
-7
2
-8
bit7
bit0
Signed 2’s complement direct-to-digital temperature measurement.
Lower Memory Register 62h to 63h: Measured VCC
FACTORY DEFAULT:
N/A
MEMORY TYPE:
Volatile (SRAM)
62h
2
15
2
14
2
13
2
12
2
11
2
10
2
9
2
8
63h
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
bit7
bit0
Unsigned voltage measurement of VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com