Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 10Page - Dallas Semiconductor DS1864 Datasheet HTML 11Page - Dallas Semiconductor DS1864 Datasheet HTML 12Page - Dallas Semiconductor DS1864 Datasheet HTML 13Page - Dallas Semiconductor DS1864 Datasheet HTML 14Page - Dallas Semiconductor DS1864 Datasheet HTML 15Page - Dallas Semiconductor DS1864 Datasheet HTML 16Page - Dallas Semiconductor DS1864 Datasheet HTML 17Page - Dallas Semiconductor DS1864 Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
14
____________________________________________________________________
Functional Diagrams
SDA
AD (AUXILIARY DEVICE
ENABLE A0h)
MD (MAIN DEVICE
ENABLE)
R/W
DATA BUS
ADDRESS
MODE SELECT
R/W
ADDRESS
TABLE SELECT
ADFIX
I2C
INTERFACE
DEVICE
ADDRESS
TABLE 01h (DS1852)
TABLE 00h (DS1859)
EEPROM
120 BYTES
EEPROM
8 BYTES
PASSWORD
PROTECTION
MD
MODE SELECT
R/W
ADDRESS
FAST ALARMS
AND WARNING
LIMITS
TABLE SELECT
R/W
ADDRESS
TABLE SELECT
TABLE 04h (DS1852)
TABLE 01h (DS1859)
SRAM
8 BYTES
80h–87h
EEPROM
8 BYTES
88h–DFh
NON LUT CONTROL
AND CONFIGURATION
REGISTGERS
PASSWORD
PROTECTION
MD
PASSWORD
PROTECTION
LOGIC
CONTROL
SIGNALS
TABLE SELECT
MD
MASK
MASK
TEMP INDEX
DAC RANGE
SELECT
DAC
DISABLE
DAC0
TEMP INDEX
DAC RANGE SELECT
LOGIC CONTROL SIGNALS
ALARM AND
WARNING FLAGS
MINT
EEPROM
59 BYTES
C0h–FBh
TABLE 05h
CONFIGURATION
AND CONTROL
R/W
ADDRESS
TABLE SELECT
PASSWORD
PROTECTION
MD
EEPROM
72 BYTES
80h–C7h
TABLE 03h
DAC1
LOOKUP TABLE
R/W
ADDRESS
TABLE SELECT
PASSWORD
PROTECTION
MD
EEPROM
72 BYTES
80h–C7h
TABLE 02h
DAC0
LOOKUP TABLE
AUXILIARY DEVICE
GBIC MEMORY
EEPROM
256 BYTES
DATA BUS
AD
R/W
ADDRESS
MD
R/W
ADDRESS
PASSWORD
PROTECTION
PASSWORD
PROTECTION
LOWER MEMORY
EEPROM
96 BYTES
00h–5Fh
ALARM AND
WARNING LIMITS
SRAM
32 BYTES
60h–7Fh
DAC0 LOOKUP
TABLE REGISTER
DAC1 LOOKUP
TABLE REGISTER
DAC RANGE
SELECT
DAC
DISABLE
DAC1
MONITOR LIMITS
COMPARATOR
MEASUREMENT
CONVERSION
VALUES
13-BIT DAC
MUX
INTERNAL
CALIBRATION
INTERNAL
TEMP
INTERRUPT
FAST ALARMS AND
WARNING FLAGS
POWER-
ON RESET
DAC DISABLE
LOGIC CONTROL
SIGNALS
STARTUP/SHUTDOWN
LOGIC*
MASK
*SEE FIGURES 12 AND 13.
FAST ALARMS AND
WARNING FLAGS
FAST ALARMS AND
WARNING LIMITS
FAST-TRIP
COMPARATORS
ADC
CONTROL
VCC
GND
LOS LOGIC*
IN1 LOGIC*
LOSC
INVL
IN1C
INV1
LOS FLAG
VCC
RSEL LOGIC*
SELC
DS1864
DATA BUS
DATA BUS
DATA BUS
DATA BUS
DATA BUS
DATA BUS
DATA BUS
SCL
RX-LOS
INLOS
OUT1
IN1
MON3P
MON3N
MON2
MON1P
MON1N
VCC
RSELOUT
RSEL
TX-F
TX-D
FETG
INTX-F
Figure 11. Block Diagram, Main



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com