Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 52 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 52 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 48Page - Dallas Semiconductor DS1864 Datasheet HTML 49Page - Dallas Semiconductor DS1864 Datasheet HTML 50Page - Dallas Semiconductor DS1864 Datasheet HTML 51Page - Dallas Semiconductor DS1864 Datasheet HTML 52Page - Dallas Semiconductor DS1864 Datasheet HTML 53Page - Dallas Semiconductor DS1864 Datasheet HTML 54Page - Dallas Semiconductor DS1864 Datasheet HTML 55Page - Dallas Semiconductor DS1864 Datasheet HTML 56Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
52
____________________________________________________________________
Table 04h (Table 01h in DS1859 Configuration), 98h to 99h: Gain Calibration For MON3 (Fine)
FACTORY DEFAULT:
####h
MEMORY TYPE:
Shadowed Memory (SEE)
98h
2
15
2
14
2
13
2
12
2
11
2
10
2
9
2
8
99h
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
bit7
bit0
Controls gain of the MON3 Fine measurements.
Table 04h (Table 01h in DS1859 Configuration), 9Ah to 9Bh: Gain Calibration For MON3 (Coarse)
FACTORY DEFAULT:
####h
MEMORY TYPE:
Shadowed Memory (SEE)
9Ah
2
15
2
14
2
13
2
12
2
11
2
10
2
9
2
8
9Bh
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
bit7
bit0
Controls gain of the MON3 Coarse measurements.
Table 04h (Table 01h in DS1859 Configuration), A2h to A3h: Offset Calibration For VCC
FACTORY DEFAULT:
####h
MEMORY TYPE:
Shadowed Memory (SEE)
A2h
SS
2
15
2
14
2
13
2
12
2
11
2
10
A3h
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
bit7
bit0
Controls offset of the VCC measurements.
Table 04h (Table 01h in DS1859 Configuration), A4h to A5h: Offset Calibration For MON1
FACTORY DEFAULT:
####h
MEMORY TYPE:
Shadowed Memory (SEE)
A4h
SS
2
15
2
14
2
13
2
12
2
11
2
10
A5h
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
bit7
bit0
Controls offset of the MON1 measurements.
Table 04h (Table 01h in DS1859 Configuration), A6h to A7h: Offset Calibration For MON2
FACTORY DEFAULT:
####h
MEMORY TYPE:
Shadowed Memory (SEE)
A6h
SS
2
15
2
14
2
13
2
12
2
11
2
10
A7h
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
bit7
bit0
Controls offset of the MON2 measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com