Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 41 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 41 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 37Page - Dallas Semiconductor DS1864 Datasheet HTML 38Page - Dallas Semiconductor DS1864 Datasheet HTML 39Page - Dallas Semiconductor DS1864 Datasheet HTML 40Page - Dallas Semiconductor DS1864 Datasheet HTML 41Page - Dallas Semiconductor DS1864 Datasheet HTML 42Page - Dallas Semiconductor DS1864 Datasheet HTML 43Page - Dallas Semiconductor DS1864 Datasheet HTML 44Page - Dallas Semiconductor DS1864 Datasheet HTML 45Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
____________________________________________________________________
41
Lower Memory Register 7Bh to 7Eh: Password Entry Bytes
POWER-ON VALUE:
0000 0000h
MEMORY TYPE:
Volatile (SRAM)
7Bh
2
31
2
30
2
29
2
28
2
27
2
26
2
25
2
24
7Ch
2
23
2
22
2
21
2
20
2
19
2
18
2
17
2
16
7Dh
2
15
2
14
2
13
2
12
2
11
2
10
2
9
2
8
7Eh
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
bit7
bit0
The password is entered into the four bytes to gain PW1 or PW2 level access. There are two levels of passwords for the DS1864.
The lower level password (PW1) will have access to unprotected areas plus those made available with PW1. The higher level
password (PW2) will have all of the access of PW1 plus those made available with PW2. See the Memory Protection section for
details on password access.
Lower Memory Register 7Fh: Table Select Byte
POWER-ON VALUE:
See below
MEMORY TYPE:
Volatile (SRAM)
7Fh
00
000
2
2
2
1
2
0
bit7
bit0
The upper memory tables of the DS1864 are selected by writing the desired Table value in this register. For example, if Table 04h is
to be selected, the value 04h will be written to register 7Fh. The Power On value of the Table Select Byte is determined by the value
written in Table 04h (Table 01h in DS1859 configuration), register C7h.
Table 01h (Table 00h in DS1859 Configuration), 80h to F7h: User Memory
FACTORY DEFAULT:
00h
MEMORY TYPE:
Nonvolatile (EEPROM)
80h to F7h
EEPROM
bit7
bit0
This is general use EEPROM.
Table 01h In Default DS1852 Configuration, (Table 00h in DS1859 Configuration)
Register Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com