Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 49 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 49 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 45Page - Dallas Semiconductor DS1864 Datasheet HTML 46Page - Dallas Semiconductor DS1864 Datasheet HTML 47Page - Dallas Semiconductor DS1864 Datasheet HTML 48Page - Dallas Semiconductor DS1864 Datasheet HTML 49Page - Dallas Semiconductor DS1864 Datasheet HTML 50Page - Dallas Semiconductor DS1864 Datasheet HTML 51Page - Dallas Semiconductor DS1864 Datasheet HTML 52Page - Dallas Semiconductor DS1864 Datasheet HTML 53Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
____________________________________________________________________
49
Table 04h (Table 01h in DS1859 Configuration), 89h: Logic Configuration
FACTORY DEFAULT:
00h
MEMORY TYPE:
Shadowed Memory (SEE)
89h
X
LOSC
X
ADFIX
Mode
INV
X
INVL
bit7
bit0
Logic control bits for alarm and warning flags, as well as internal and external signals.
bit7
This bit is not used.
bit6
LOSC: A LOS channel configuration bit.
0 = The analog signal MON3, resulting from RSSI, is compared to a threshold, asserting LOS if it is
lower than the threshold.
1 = A digital input signal, INLOS, is used as the source for the LOS signal.
bit5
This bit is not used.
bit4
ADFIX: Determines which I
2C slave address is used.
0 = A2h I
2C address selected (default).
1 = I
2C address determined by value in Table 04h (Table 01h in DS1859 configuration), register 8Ch.
bit3
Mode: Selects between DS1852/DS1856 memory configuration or DS1859 memory configuration. The
next I
2C command will be to the selected configuration if a change is made. Does not require a power
cycle.
0 = DS1852 configuration selected (default).
1 = DS1859 configuration selected.
bit2
INV: Used for polarity inversion or non-inversion if an externally generated TXF is used. See Figure 12.
TX-F=[INV[XOR]INTXF]
bit1
This bit is not used.
bit0
INVL: Used for polarity inversion or non-inversion if an externally generated INLOS signal is used.
RXLOS=[INVL[XOR]INLOS]
Table 04h (Table 01h in DS1859 Configuration), 8Ah: Configuration
FACTORY DEFAULT:
00h
MEMORY TYPE:
Shadowed Memory (SEE)
8Ah
X
X
X
X
X
X
RSSIC
RSSIF
bit7
bit0
Forces coarse or fine measurement for MON3 (RSSI) input. Note: Dual-range functionality can be disabled by writing this register to 01h.
bit7:2
No function.
bit1
RSSIC: Force the dual range conversion to use Coarse measurement only. This is used for calibration
of MON3.
0 = Coarse measurement not forced.
1 = Coarse measurement forced. If both RSSIC and RSSIF are 1, then the Coarse measurement is used.
bit0
RSSIF: Force the dual range conversion to use Fine measurement only. This is used for calibration of
MON3.
0 = Fine measurement not forced.
1 = Fine measurement forced. If both RSSIC and RSSIF are 1, then the Coarse measurement is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com