Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 6Page - Dallas Semiconductor DS1864 Datasheet HTML 7Page - Dallas Semiconductor DS1864 Datasheet HTML 8Page - Dallas Semiconductor DS1864 Datasheet HTML 9Page - Dallas Semiconductor DS1864 Datasheet HTML 10Page - Dallas Semiconductor DS1864 Datasheet HTML 11Page - Dallas Semiconductor DS1864 Datasheet HTML 12Page - Dallas Semiconductor DS1864 Datasheet HTML 13Page - Dallas Semiconductor DS1864 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
DAC 0 INL (LSB)
SETTING (DEC)
0
25 50 75 100 125 150 175 200 225 250
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
0.5mA MODE
SFP Laser Controller and
Diagnostic IC
10
____________________________________________________________________
DAC 0 DNL (LSB)
SETTING (DEC)
0
25 50 75 100 125 150 175 200 225 250
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
0.5mA MODE
DAC 0 INL (LSB)
SETTING (DEC)
0
25 50 75 100 125 150 175 200 225 250
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.5mA MODE
SUPPLY CURRENT vs. VOLTAGE
VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
5.5
2.0
2.1
2.2
2.3
2.4
2.5
SDA = SCL = VCC
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-20
0
20406080
100
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
SDA = SCL = VCC
DAC VOLTAGES = 0.7V
DAC SETTINGS AT FFh
DACS IN 1.5mA MODE
DACS IN 0.5mA MODE
OUTPUT CURRENT vs. DAC 0 SETTING
DAC 0 SETTING (DEC)
0
50
100
150
200
250
0
0.1
0.2
0.3
0.4
0.5
0.6
0.5mA MODE
OUTPUT CURRENT vs. DAC 0 SETTING
DAC 0 SETTING (DEC)
0
50
100
150
200
250
0
0.4
0.8
1.2
1.6
2.0
1.5mA MODE
OUTPUT CURRENT vs. DAC 1 SETTING
DAC 1 SETTING (DEC)
0
50
100
150
200
250
0
0.1
0.2
0.3
0.4
0.5
0.6
0.5mA MODE
OUTPUT CURRENT vs. DAC 1 SETTING
DAC 1 SETTING (DEC)
0
50
100
150
200
250
0
0.4
0.8
1.2
1.6
2.0
1.5mA MODE
Typical Operating Characteristics
(VCC = +3.3V, TA = 25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com