Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 69 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 69 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 64Page - Dallas Semiconductor DS1864 Datasheet HTML 65Page - Dallas Semiconductor DS1864 Datasheet HTML 66Page - Dallas Semiconductor DS1864 Datasheet HTML 67Page - Dallas Semiconductor DS1864 Datasheet HTML 68Page - Dallas Semiconductor DS1864 Datasheet HTML 69Page - Dallas Semiconductor DS1864 Datasheet HTML 70Page - Dallas Semiconductor DS1864 Datasheet HTML 71Page - Dallas Semiconductor DS1864 Datasheet HTML 72Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
____________________________________________________________________
69
I2C Communication
Writing a Single Byte to a Slave: The master must
generate a start condition, write the slave address byte
(R/W = 0), write the memory address, write the byte of
data, and generate a stop condition. Remember the
master must read the slave’s acknowledgement during
all byte write operations.
Writing Multiple Bytes to a Slave: To write multiple
bytes to a slave, the master generates a start condition,
writes the slave address byte (R/W = 0), writes the
memory address, writes up to 8 data bytes, and gener-
ates a stop condition. The DS1864 writes 1 to 8 bytes (1
page or row) with a single write transaction. This is
internally controlled by an address counter that allows
data to be written to consecutive addresses without
transmitting a memory address before each data byte
is sent. The address counter limits the write to one 8-
byte page (one row of the memory map). The first page
begins at address 00h and subsequent pages begin at
multiples of 8 (08h, 10h, 18h, etc). Attempts to write to
additional pages of memory without sending a stop
condition between pages results in the address counter
wrapping around to the beginning of the present row.
To prevent address wrapping from occurring, the mas-
ter must send a stop condition at the end of the page,
then wait for the bus-free or EEPROM-write time to
elapse. Then the master can generate a new start con-
dition, and write the slave address byte (R/W = 0) and
the first memory address of the next memory row
before continuing to write data.
Acknowledge Polling: Any time an EEPROM page is
written, the DS1864 requires the EEPROM write time
(tW) after the stop condition to write the contents of the
page to EEPROM. During the EEPROM write time, the
DS1864 will not acknowledge either of its slave
addresses because it is busy. It is possible to take
advantage of that phenomenon by repeatedly address-
ing the DS1864, which allows the next page to be writ-
ten as soon as the DS1864 is ready to receive the data.
The alternative to acknowledge polling is to wait for
maximum period of tW to elapse before attempting to
write again to the DS1864.
EEPROM Write Cycles: When EEPROM writes occur,
the DS1864 writes the whole EEPROM memory page (8
bytes), even if only a single byte on the page was modi-
fied. Writes that do not modify all 8 bytes on the page
are allowed and do not corrupt the remaining bytes of
memory on the same page. Because the whole page is
written, bytes on the page that were not modified dur-
ing the transaction are still subject to a write cycle. This
can result in a whole page being worn out over time by
writing a single byte repeatedly. Writing a page one
byte at a time wears the EEPROM out eight times faster
than writing the entire page at once. The DS1864’s
EEPROM write cycles are specified in the Nonvolatile
Memory Characteristics table. The specification shown
is at the worst-case temperature. Writing to SRAM-
shadowed EEPROM memory with SEE = 1 does not
count as an EEPROM write.
Reading a Single Byte from a Slave: Unlike the write
operation that uses the memory address byte to define
where the data is to be written, the read operation occurs
at the present value of the memory address counter. To
read a single byte from the slave, the master generates a
start condition, writes the slave address byte with R/W =
1, reads the data byte with a NACK to indicate the end of
the transfer, and generates a stop condition.
Manipulating the Address Counter for Reads: A
dummy write cycle can be used to force the address
counter to a particular address. To do this, the master
generates a start condition, writes the slave address byte
(R/W = 0), writes the memory address where it desires to
read, generates a repeated start condition, writes the
slave address byte (R/W = 1), reads data with ACK or
NACK as applicable, and generates a stop condition.
Reading Multiple Bytes from a Slave: The read oper-
ation can be used to read multiple bytes with a single
transfer. When reading bytes from the slave, the master
simply ACKs the data byte if it desires to read another
byte before terminating the transaction. After the master
reads the last byte it NACKs to indicate the end of the
transfer and generates a stop condition. This can be
done with or without modifying the address counter’s
location before the read cycle. The DS1864’s address
counter does not wrap on page boundaries during read
operations, but the counter will roll from its uppermost
memory address FFh to 00h if the last memory location
is read during the read transaction.
See Figure 20 for a read example using the repeated
start condition to specify the starting memory location.
Application Information
Power-Supply Decoupling
To achieve best results, it is recommended that the power
supply is decoupled with a 0.01µF or a 0.1µF capacitor.
Use high-quality, ceramic, surface-mount capacitors, and
mount the capacitors as close as possible to the VCC and
GND pins to minimize lead inductance.
SDA and SCL Pullup Resistors
SDA is an open collector output on the DS1864 that
requires a pullup resistor to realize high logic levels. A
master using either an open-collector output with a
pullup resistor or a push-pull output driver can be utilized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com