Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 28 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 28 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 24Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 25Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 26Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 27Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 28Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 29Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 30Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 31Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 32Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
26
Miscellaneous Inputs and Outputs
Signal Name
Size
Type
Description
VDD5
1
I
The 5 volt bias pin must be connected to 5.0 volts for the input and bi-directional
pins to be 5 volt tolerant. This pin may be tied to VDD provided the maximum
static signal level is below VDD + 0.3V.
During power-up, the voltage on the VDD5 pin must be kept equal to or greater
then the voltage on all input pins to avoid damage to the device. In addition, the
voltage on the VDD5 pin is to be kept greater than or equal to the voltage on the
VDD pins.
TST_
1
I
Test select signal used for production testing. It must be tied high for correct
operation.
ERST_
1
OD
Open-drain external reset output. The ERST_ pin is driven low by the ELAN
8x10 to reset other components in the system. This output is asserted for a pre-
set duration (10 milliseconds) upon the detection of a falling edge on the RST_
input, or when the ELAN 8x10 senses a condition requiring a system hardware
reset. It is an open-drain output, and should be pulled up using a 2.2k resistor.
The ERST_ output may be tied directly to the RST_ input to implement a
debounce function in pushbutton reset applications. (Note that the ERST_
output should be left unconnected in host-based applications where the ELAN
8x10 must not be allowed to reset the host CPU.)
DBG[2:0]
3
I/O
PMC hardware debug pins. These pins are used for hardware debug and
should not be used. These pins should be implemented as no-connects.
PC[10:3]
8
O
PMC hardware debug pins. Program counter selected outputs. These pins are
used for hardware debug and should not be used. These pins should be
implemented as no-connects.
Notes on Pin Description:
1. All inputs and bi-directionals present minimal capacitive loading and operate at TTL
logic levels.
2. All digital outputs and bi-directionals have 2 mA D.C. drive capability.
3. Pins MDATA[31:0], MINTR_,RST_, GNT_, TST_ and DBG[2:0] have internal pull-
up resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com