Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 62 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 62 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 58Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 59Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 60Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 61Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 62Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 63Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 64Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 65Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 66Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
60
internal instruction RAM of the Switch Processor rather than a block of
external memory. This bit should be set only if the EightBit flag is also set
(i.e., for a standard 8-bit-wide boot image).
JmpInt:
The JmpInt bit signifies, if set, that the BOOTSTART address indicates an
address present in the instruction RAM of the Switch Processor, rather than
an address in a block of external memory. This bit should be set only if the
EightBit flag is also set (i.e., for a standard 8-bit-wide boot image).
In general, the HDRFLAGS field should be set to 0x80 hex, i.e., indicating an 8-bit-wide
boot image with no special copy or branch options.
Note that the boot image header above is described as it would appear in the 8-bit
image contained within an EPROM or EEPROM that is connected to the least-
significant byte lane of the memory data bus. Each byte within the EPROM or
EEPROM, therefore, will start on a 32-bit boundary and occupy the least-significant 8
bits of a memory word; the upper 24 bits of the word will be ignored by the ELAN 8x10.
The ELAN 8x10 will copy data bytes from the EPROM or EEPROM boot image to
consecutive byte addresses in a block of 32-bit wide RAM, thereby converting the 8-bit
boot image to a 32-bit boot image. An alternative view of the boot header, giving the
components of the header as they would appear after the boot image has been copied
to 32-bit RAM, is given below:
0x59
0x37
0xa8
0xc8
0
CPYTARGET[23:0]
HDRFLAGS[7:0]
4
CPYFROM[15:0]
CPYSIZE[15:0]
8
BOOTSTART[23:0]
CPYFROM[23:16]
12
CHECKSUM[31:0]
16
SPACER[31:0]
20
The CPYTARGET, CPYSIZE and CPYFROM fields of the header define a block
transfer that must be performed from the boot image to an area of RAM in order to
convert the 8-bit boot image to a 32-bit image. After the copy and conversion has been
done, the BOOTSTART field denotes a 24-bit address from which the ELAN 8x10
Switch Processor will begin executing code. The code at this location (presumably
within the copied 32-bit boot image) is completely responsible for initializing the ELAN
8x10 system and environment, and for initiating normal operation.
The CHECKSUM field contains a 32-bit checksum computed over the entire boot
image. The bootstrap firmware will recompute this checksum and compare it with the
value in the CHECKSUM field. If a mismatch occurs, the ELAN 8x10 will consider the
boot image as invalid, and will terminate the system initialization and startup process
and report an error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com