Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 88 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 88 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 84Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 85Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 86Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 87Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 88Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 89Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 90Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 91Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 92Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
86
head of the transfer queue, while the LastDD field points to the data descriptor at the
tail of the queue. The fields define a linked-list of data descriptors that in turn point to
the chains of packet buffers containing the Ethernet frame data that must be transferred
to the remote device. They are handled in a special manner, as follows.
Initially, the FirstDD and LastDD fields are set to point to a single empty data descriptor,
i.e., one containing a NULL NextDD field and a NULL FirstPB field. When a frame
needs to be transferred to the remote device, the following steps are performed:
1.
The blank data descriptor in the transfer queue is updated to point to the frame,
i.e., the FirstPB, LastPB, Flags, SrcPort, SrcChip and HashBkt fields are set up
properly.
2.
A new empty data descriptor is allocated and attached to the former (by setting
the NextDD field of the former to point to the new empty data descriptor).
3.
The LastDD field in the expansion port descriptor is updated to point to the new
empty data descriptor.
The process is repeated as additional frames are queued for transfer to the remote
device. (Note that the LastDD field always points to an empty data descriptor, which will
be filled in when the next frame is queued.)
When the remote device acknowledges that it has completed the transfer of a given
frame, the data descriptor at the head of the transfer queue (pointed to by FirstDD) is
removed and freed, and the FirstDD pointer is advanced to the next data descriptor in
the queue. It is illegal for either the FirstDD or the LastDD fields to be NULL.
The ChipNum and CtrMask fields are statically configured during initialization. ChipNum
should be loaded with the index of the remote device, and is used by the firmware
during consistency checks. The CtrMask field contains an 8-bit mask with the bit
corresponding to the numeric index of the remote device (i.e., the least significant bit
corresponds to device zero, and so on) set, and all of the other bits cleared. The mask
is loaded into the DMA Controller when the firmware desires to increment either the
request or acknowledge counter in the remote device during expansion port frame
transfers.
MaxBuffers serves to impose a limit on the number of packet buffers that can be
consumed by frame transfers from the given remote device into local memory. This field
is set up during initialization to the desired (configurable) value, and is decremented for
each packet buffer used to hold frames copied over the PCI bus from the remote
device. (It is incremented as these packet buffers are freed after the frames have been
completely transmitted, or discarded.) If this field becomes equal to or less than zero,
the firmware will halt further transfers from the specific remote device, preventing it from
unfairly using up all of the local buffer space. All subsequent requests from the same
device, will be ignored. A special 'holdoff' mechanism is implemented in the expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com