Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 16 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 16 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 12Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 13Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 14Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 15Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 16Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 17Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 18Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 19Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 20Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
14
PRIMARY FEATURES AND BENEFITS
Wire-speed Packet switching
Each ELAN 8x10 chip offers 8 separate Ethernet ports all capable of accepting and
processing packets simultaneously at wire rates (ranging from 14,880 packets/sec per
port with a packet length of 64 bytes to 813 packets/sec per port with 1518 byte
packets), immediately multiplying the aggregate bandwidth of the target network by a
factor of eight. In addition, the low cost and compact size permitted by the single-chip
ELAN 8x10 solution makes micro-segmentation highly feasible, allowing even more
improvement in bandwidth.
Combined Input- and Output-buffered switch
The ELAN 8x10 implements a hybrid input-buffered/output-queued switching algorithm
which minimizes packet loss, allows packet buffers to be allocated on a demand basis,
and permits limits to be established to prevent any one port from consuming all system
buffer memory. Buffer limits are configured on a per-port basis. Packet storage is
allocated within the external memory by the ELAN 8x10 from a central pool using an
on-demand method, employing linked lists of small, fixed-length buffers to hold variable
sized packets in order to maximize memory utilization.
Modular design
Multiple ELAN 8x10 chips interconnect seamlessly, allowing transparent expansion of
switching hubs from 8 to 64 ports without significant redesign. The 1 Gbit/s expansion
port bandwidth ensures that network capacity grows linearly as more ELAN 8x10 chips
are added (up to the maximum number of supported ports).
Advanced switching features
The ELAN 8x10 directly implements backpressure flow control (as a user-selectable
option), with configurable thresholds and limits, to minimize packet loss in heavily
loaded networks. Backpressure is performed by jamming, or colliding with, incoming
packets on an individual port when the port has run out of buffer space; all other ports
continue to run normally, with no head-of-line blocking effects. The ELAN 8x10 also
implements per-packet lifetime control to ensure that transmit queues are flushed
properly in the event of bottlenecks at the output ports. Address aging is handled on-
chip, as is purging of the address table in the event of a network reconfiguration.
Broadcast storm rate limiting is implemented (with configurable rate limits) to reduce the
effects of high broadcast rates on the traffic flowing through the switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com