Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 93 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 93 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 89Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 90Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 91Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 92Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 93Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 94Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 95Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 96Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 97Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
91
Hash Buckets
Hash buckets are created to store frame handling and statistics information for all MAC
addresses that are discovered to be directly reachable via a local MAC channel on the
ELAN 8x10 device. Each hash bucket contains, in addition to the IEEE 802.3 MAC
address with which it is associated, various fields used in forwarding the incoming
frame, controlling the aging process, and maintaining per-host statistics. The format of
a 64-byte hash bucket is given below:
31
24 23
16 15
8 7
0 Byte Offset
reserved
NextHB
0
MACAddr[23:16]
MACAddr[31:24]
MACAddr[7:0]
MACAddr[15:8]
4
MulticastMask
MACAddr[39:32]
MACAddr[47:40]
8
HBFlags
LPDPtr
12
TXFrames
16
TXOctets
20
RXErrorFrames
24
RXMcstFrames
28
RXFloodFrames
32
RXBcstFrames
36
RXUcstFrames
40
RXOctets
44
AgeControl
48
CreateTime
52
Reserved
56
Reserved
60
NextHB:
24-bit pointer to next hash bucket or forwarding tag in linked-list; NULL if
none.
MACAddr:
48-bit IEEE 802.3 MAC address associated with this hash bucket.
MulticastMask:
16-bit mask used to restrict multicasts directed to this MAC address to a
subset of the ports on this ELAN 8x10 and a subset of the devices in the
system. Only valid for multicast MAC addresses, as indicated by the proper
setting of the HBFlags field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com