Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 94 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 94 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 90Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 91Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 92Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 93Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 94Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 95Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 96Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 97Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 98Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
92
LPDPtr:
24-bit address of the local port descriptor assigned to the physical ELAN
8x10 port associated with this MAC address.
HBFlags:
8-bit per-MAC control flags, formatted as described below.
TXFrames:
32-bit count of total number of frames transmitted to this MAC address.
TXOctets:
32-bit count of total number of bytes transmitted to this MAC address.
RXErrorFrames:
32-bit count of frames received from this MAC address with errors.
RXMcstFrames:
32-bit count of valid multicast (i.e., IEEE 802.3 group/functional address)
frames received on this port.
RXFloodFrames:
32-bit count of frames received on this port which need to be flooded.
RXBcstFrames:
32-bit count of valid broadcast frames received on this port
RXUcstFrames:
32-bit count of valid unicast frames received on this port.
RXOctets:
32-bit count of total bytes (errored or otherwise) received on this port.
AgeControl:
32-bit timestamp (obtained from the CLOCK register pair within the Switch
Processor) when a frame was last received from this MAC address.
CreateTime:
32-bit timestamp (obtained from the CLOCK register pair within the Switch
Processor) when this hash bucket was created.
The NextHB field contains a 24-bit pointer to the next hash bucket (or forwarding tag) in
the linked-list of hash buckets. It is NULL (all-zeros) if this hash bucket forms the end of
the chain. The MACAddr field spans two consecutive words, and contains the complete
48-bit MAC address associated with this hash bucket; it is compared to the address
extracted from the Ethernet packet during the address table lookup process to ensure
that the proper hash bucket has been found.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com