Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 55 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 55 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 51Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 52Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 53Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 54Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 55Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 56Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 57Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 58Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 59Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
53
retried transaction to the address from which it began the prefetch; if a match occurs,
the slave logic will return the data present in the read FIFO in a continuous burst of
back-to-back data phases on the PCI bus. The burst of transfers on the PCI bus will
continue as long as (1) the read FIFO is not empty and (2) the bus master does not
terminate the access.
If the read FIFO empties during a transfer (possibly because the memory controller
cannot satisfy the requests from the PCI slave logic at a sufficient rate), the PCI slave
logic will issue another disconnect with retry, and continue to request the memory
controller for more data. The bus master is again expected to retry the access, and the
cycle continues.
If the bus master terminates the access in any way, the PCI slave logic will stop placing
data on the PCI bus and flush the read FIFO to discard any remaining unread data
words. It will then proceed to fulfill the next PCI read or write access.
The use of the PCI slave read FIFO enhances the ability of the PCI slave logic to
maintain the utilization of the PCI bus by transferring data in long bursts. If sufficient
delay is inserted by the bus master between the initial disconnected access and the
subsequent retry, the PCI slave will have time to read ahead by a substantial number of
words (up to 32) and can therefore transfer data in a long burst when the bus master
finally retries the access.
To further improve the efficiency of the PCI slave interface, the slave logic has the
capability of latching and holding up to two different target read addresses from two
different bus masters at a time. This allows the first bus master to make a read access,
which will be disconnected with retry by the PCI slave logic after the target address has
been latched; another bus master can then make another read access at a different
address, which will also be disconnected with retry by the slave logic after the address
has been latched. (Only two such addresses can be latched by the slave; if yet a third
master makes another read access to another address, the slave logic will also
disconnect this master with a retry, but will not latch the address internally.) The
availability of the second read address means that the PCI slave logic can begin
immediately fetching data from the second location into the read FIFO after the first bus
master terminates its access, without waiting for the second bus master to retry the
access, and hence the PCI slave logic can improve its utilization of the available
memory and PCI bus bandwidth.
Note:
Writes are not allowed to be completed out-of-sequence with reads, and vice
versa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com