| Electronic Components Datasheet Search |
|
PM3350-SW Datasheet(PDF) 91 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3350-SW Datasheet(HTML) 91 Page - PMC-Sierra, Inc |
|
91 / 224 page ![]() ELAN 8X10 PM3350 ELAN 8 X10 DATA SHEET PMC-970109 ISSUE 3 8 PORT ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY 89 The hash table consists of three types of data structures: an array referred to as the hash pointer array of between 256 and 8,192 pointers, a set of 64-byte data structures called hash buckets which hold information for locally reachable hosts on a per MAC address basis, and a set of 16-byte forwarding tags which hold abbreviated information for hosts reachable via external devices on a per-MAC address basis. (Note that the forwarding tags are only 16 bytes in terms of formatted data, but are actually stored into 64-byte blocks of memory for simplicity.) Each pointer in the hash array points to a linked-list of zero or more hash buckets and/or forwarding tags. Each hash bucket or forwarding tag corresponds to a particular MAC address; only one hash bucket or forwarding tag may be present for a given MAC address in any device. (In addition, only one hash bucket may be present for a given MAC address in a complete system; however, multiple forwarding tags may be present in the various devices that point to this hash bucket.) To access the hash bucket for a specific MAC address, the hash lookup engine in the DMA Controller first creates a hash key and uses it to generate an index into the hash pointer array. The hash key is obtained by dividing the 48-bit MAC address into three 16-bit blocks: 47 32 31 16 15 0 Block 2Block 1Block 0 The three blocks are logically XORed together to create a single 16-bit value, which is then logically ANDed with a configurable 16-bit bitmask to obtain the index into the hash pointer array. The purpose of the bitmask is to limit the range of the indices to the actual size of the hash table. If there are 8,192 entries in the table, the bitmask should be defined such that the 13 LSBs are set to '1', and the 3 MSBs are set to '0'. The hash lookup engine uses the index to locate the corresponding pointer within the hash pointer array, and reads the pointer to obtain the first element of the linked-list of hash buckets and/or forwarding tags that must be searched. It then scans the linked- list, comparing the complete 48-bit MAC address to be resolved with the MAC address fields within the hash buckets or forwarding tags, until the required hash bucket or forwarding tag is found (or no more entries are present in the linked-list). If a match is found, then the search is declared successful, and the memory address of the hash bucket or forwarding tag is passed to the Switch Processor. If the complete linked-list is traversed without finding a match, then the search is considered to have failed (i.e., the specified source or destination MAC address is not present in the address table), and an indication is accordingly passed to the Switch Processor by the hardware. Hash Pointer Array The hash pointer array is simply a linear array of 4-byte elements; each element contains a pointer to a linked list of hash buckets and/or forwarding tags. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |