Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 14 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 14 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 10Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 11Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 12Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 13Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 14Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 15Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 16Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 17Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 18Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
12
TYPICAL SYSTEM APPLICATIONS
Simple 8-Port Switch
The ELAN 8x10 chip can act as a stand-alone managed or unmanaged switching
device in low-cost, compact switch applications. Such a switch can be created from
ELAN 8x10 chips (one for every 8 ports), a bank of two 256k x 16-bit 60 nsec EDO
chips per ELAN 8x10 chip, a 32k x 8-bit EPROM or EEPROM for initialization and
configuration information, two LXT944 or similar quad Ethernet Interface Adapters, and
suitable passive components (filters, transformers, crystal oscillators, etc.) A block
diagram of a typical 8-port 10BaseT stackable switch is given below. The PCI
expansion bus allows multiple ELAN 8x10 switch assemblies to be easily stacked up to
a maximum of 64 10Mbit/s ports.
Managed 8-Port Ethernet Switch
The above system will operate as a fully managed system simply by replacing the 32k x
8-bit EEPROM with a 256k x 8-bit EPROM or EEPROM containing the SNMP agent,
support firmware, spanning tree, and TCP/IP stack.
Low-cost 10/100 Mbit/s Switch
The ELAN 8x10 chip can be part of a 10/100 switch using the ELAN 1x100 10/100
Mbit/s switch chip. Together they can form a workgroup or desktop switch supporting a
high-speed server or backbone port in low-cost, compact Ethernet switching hub
applications. Such a switch can be created from one or two PM3351 devices (one for
EDO DRAM
10BaseT
Ports 1-4
10BaseT
Ports 5-8
Quad
10BaseT
Interface
ELAN 8x10
PM3350
Quad
10BaseT
Interface
EEPROM
PCI Bus Expansion Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com