Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 85 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 85 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 81Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 82Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 83Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 84Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 85Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 86Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 87Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 88Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 89Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
83
CollideAbort:
32-bit count of transmit frames that were discarded due to excessive
collisions for this MAC port.
RXErrorOctets:
32-bit count of bytes in errored frames received on this MAC port.
AlignErrors:
32-bit count of frames received on this MAC port with alignment errors
greater than 7 bits (DribbleError).
CRCErrors:
32-bit count of frames received on this MAC port with CRC errors.
DribbleErrors:
32-bit count of frames received on this MAC port with extra bits (1-7).
MACErrors:
32-bit count of frames received on this MAC port that were discarded due to
internal MAC errors.
LongErrors:
32-bit count of frames received on this MAC port with valid CRCs but longer
than the preset maximum frame length.
JabberErrors:
32-bit count of frames received on this MAC port with invalid CRCs and
longer than the preset maximum frame length.
ShortErrors:
32-bit count of frames received on this MAC port with valid CRCs but below
the preset minimum frame length.
RuntErrors:
32-bit count of frames received on this MAC port with invalid CRCs and below
the preset minimum frame length.
DropErrors:
32-bit count of frames received on this MAC port that were dropped due to
lack of buffer space to hold them (i.e., due to congestion).
TXErrors:
32-bit count of frames that were dropped while being transmitted out this
MAC port due to internal errors (transmit FIFO underflow).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com