| Electronic Components Datasheet Search |
|
PM3350-SW Datasheet(PDF) 76 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3350-SW Datasheet(HTML) 76 Page - PMC-Sierra, Inc |
|
76 / 224 page ![]() ELAN 8X10 PM3350 ELAN 8 X10 DATA SHEET PMC-970109 ISSUE 3 8 PORT ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY 74 DstHBIndx: 16-bit encoded index of destination hash bucket found by address table lookup hardware. The NextDD, FirstPB, NumPBs, LastPB and SrcPort fields all correspond to the similarly named fields in normal data descriptors, and perform the same functions. The Flags field, however, is formatted in a slightly different manner, as shown below: 76543210 0001 ARPT Dribble DMiss SMiss SMiss: If set, indicates that the SrcHBIndx field is invalid (the address table lookup hardware did not find a match for the source MAC address). DMiss: If set, indicates that the DstHBIndx field is invalid (the address table lookup hardware did not find a match for the destination MAC address). Dribble: Indicates a dribble bit error during the reception of the frame (i.e., additional bits were received beyond the end of the frame, but the CRC was found to be valid). ARPT: If set, denotes that the 16-bit EtherType field within the frame contains the type code assigned to Address Resolution Protocol (ARP) frames (0x0806 hexadecimal). The SMiss and DMiss bits signify, if set, that the address lookup failed for the source and destination MAC addresses, respectively. This notification is supplied by the address table lookup hardware after it attempts to search the hash table for the 48-bit MAC addresses in the received frame. The Dribble bit is used to signal the switching firmware that a dribble error was detected during the reception of the frame, and the suitable dribble error counter should be updated. Finally, the ARPT bit is set whenever the EtherType field of the received frame (corresponding to the IEEE 802.3 Length field) equals the value assigned to ARP frames, or 0x0806 hex. The SrcHBIndx and DstHBIndx fields contain the encoded 16-bit indices of the 24-bit source and destination hash buckets, respectively, that are returned by the address table lookup hardware after a search for the MAC addresses within the Ethernet frame. (If either of the searches fail, then the corresponding field contains invalid information, and should not be used.) The encoding is performed by first subtracting the 24-bit base address of the start of the hash bucket array to produce an offset into the array (rather than the absolute address returned by the address table lookup hardware), and then |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |