| Electronic Components Datasheet Search |
|
PM3350-SW Datasheet(PDF) 45 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3350-SW Datasheet(HTML) 45 Page - PMC-Sierra, Inc |
|
45 / 224 page ![]() ELAN 8X10 PM3350 ELAN 8 X10 DATA SHEET PMC-970109 ISSUE 3 8 PORT ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY 43 When viewed from the PCI bus, the ELAN 8x10 device appears to take up a 16 MB block of contiguous addresses in the total 4 GB PCI address space. A virtually identical memory map is presented to the PCI bus when accessing the ELAN 8x10 device as a PCI slave (target), with the exception that a set of device control and communication registers are implemented in the uppermost 64 kB of the 16 MB address space used by the ELAN 8x10 device (note that the memory addresses shown increase upwards): Rest of PCI Address Space 0xBBffffff Device Control Registers 0xBBff0000 0xBBfeffff Unused Bank 3 0xBBc00000 0xBBbfffff Unused Bank 2 0xBB800004 0xBB800000 LED Register 0xBB4fffff Unused 0xBB420000 Bank 1 0xBB41ffff Boot EPROM (32 kB; occupies 128 kB) 0xBB400000 0xBB3fffff Unused 0xBB100000 Bank 0 0xBB0fffff System DRAM (1 MB) 0xBB000000 Rest of PCI Address Space The start address of the block occupied by the ELAN 8x10 is defined by the setting of the memory base address register within the PCI configuration register space of the ELAN 8x10 device, and is represented by the BB component of the addresses given in the table above. The memory base address register may be set to any arbitrary value via a PCI configuration write after system reset, provided that the base address is on a |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |