Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 83 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 83 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 79Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 80Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 81Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 82Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 83Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 84Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 85Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 86Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 87Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
81
The transmit queue is constructed out of a linked-list of data descriptors, with each
descriptor pointing to an Ethernet frame to be transmitted. The FirstDD and LastDD
pointers in the local port descriptor point to the head and the tail of the transmit queue,
respectively. The transmit queue imposes a First-In-First-Out (FIFO) discipline: new
frames to be transmitted are always added to the tail of the queue, and the actual
transmit process always removes frames from the head of the queue in order to
transmit them. Note that a frame will remain in the transmit queue until its transmission
has been completed successfully, or it is discarded for some reason.
The data descriptors and packet buffers in the transmit queue are never cached, and
hence they can be inspected directly via the PCI bus interface. Note, however, that the
head and tail pointers of the queue are located in the local port descriptor, which is itself
a cached structure, as already mentioned.
Port Descriptor Counter Structure
The eight port descriptor counter structures are considered to be auxiliary data
structures to the local port descriptors. Each local port descriptor is associated on a
one-to-one basis with a 64-byte port descriptor counter structure (previously described),
and contains various error and collision counters that are infrequently updated during
normal operation. The purpose of separating these counters from the local port
descriptor structures is to reduce the amount of data that must be cached in the Switch
Processor data cache: the port descriptor counter structures are not cached by the
Switch Processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com