Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 98 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 98 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 94Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 95Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 96Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 97Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 98Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 99Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 100Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 101Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 102Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
96
The 16-bit MulticastMask field is used to restrict broadcasts, multicasts and floods of
packets directed to a given multicast MAC address (i.e., when the contents of the
MACAddr field is an IEEE group/functional address). The lower 8 bits of this mask are
unused, and set to zeros during the forwarding tag creation process. The upper 8 bits of
the mask correspond to the eight possible devices in the system. The MulticastMask
field is logically ANDed with the upper 8 bits of the global restriction mask managed by
the spanning tree protocol entity to implement multicasts on a per-MAC-address basis.
It is ignored for unicast frames.
The SrcHashBkt field contains the 24-bit memory address of the actual hash bucket
that holds the necessary physical port routing information and the per-MAC statistics
associated with this MAC address. This address is valid only in the memory address
space of the remote device, and has no significance to the ELAN 8x10 containing the
forwarding tag.
The remote device supplies the information placed in the SrcHashBkt field when it
requests that a forwarding tag be created during the learning process. If the destination
MAC address of a received Ethernet frame resolves to a forwarding tag, then the ELAN
8x10 device will transfer the frame to the remote device indicated by the ChipNum field
in the forwarding tag, and will also place the SrcHashBkt value in the HashBkt field of
the data descriptor associated with the frame. The remote device is expected to use the
hash bucket address passed by this ELAN 8x10 to avoid having to perform yet another
hash lookup in its own version of the address table; instead, it will locate the hash
bucket indicated by the HashBkt field of the data descriptor, verify that it is indeed valid,
and use the information within the hash bucket to switch the frame.
FTFlags supplies control bits that are used to determine the operation of the switching
firmware when handling Ethernet frames that are directed to this MAC address. This
field is formatted as:
76
5
4
3210
reserved
Special
Type
reserved
Special:
If set, indicates that the frame data must not be processed by the normal
switching firmware, but must be handled specially by external code. Normally
zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com