| Electronic Components Datasheet Search |
|
PM3350-SW Datasheet(PDF) 10 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3350-SW Datasheet(HTML) 10 Page - PMC-Sierra, Inc |
|
10 / 224 page ![]() ELAN 8X10 PM3350 ELAN 8 X10 DATA SHEET PMC-970109 ISSUE 3 8 PORT ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY 8 DESCRIPTION The PM3350 is a low-cost, highly integrated, stand-alone, single-chip switching device for Ethernet/IEEE 802.3 switching and bridging applications. The device supports all processing required for switching Ethernet/IEEE 802.3 packets between eight independent half-duplex 10 Mbit/s ports. In addition, a switch built around the ELAN 8x10 can be expanded simply by connecting up to 7 additional devices to the on-chip 1 Gbit/s expansion port. Switch configuration and management can be performed either remotely (in-band), via the on-chip SNMP MIB, agent and integrated TCP/UDP/IP stack, or from a local CPU interfaced to the expansion port. The ELAN 8x10 also collects per-port and per-host RMON statistics at wire rates on all ports. The ELAN 8x10 chip contains all the required elements of a high-performance Ethernet switch: MAC-layer interfaces, buffer FIFOs, a high-speed DMA engine for fast packet transfers, a local memory interface for up to 16 MB of external buffer memory, a compatible PCI bus master and slave unit for modular expansion, and a switch processing unit that implements the switching and bridging functions. The only additional components required to create a complete 8-port switch are Ethernet Medium Access Unit (MAU) devices, line transformers, a bank of external memory and a system clock. The ELAN 8x10 device is implemented in high-density CMOS technology for low cost and high performance. It is available in a 256-pin SBGA, and is ideally suited for compact, low-cost desktop, workgroup and departmental Ethernet switching applications. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |