Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 72 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 72 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 68Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 69Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 70Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 71Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 72Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 73Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 74Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 75Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 76Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
70
Data Descriptors
Ethernet packets being buffered within the ELAN 8x10 system are tracked by means of
16-byte
data descriptors. Data descriptors form the primary queuing element in the
ELAN 8x10 device: they are used to form receive, transmit and expansion port queues,
as well as to hold message information and special packet handling queues. All data
descriptors have the same general format, and contain pointers to the first and last
packet buffer of a packet buffer chain holding an Ethernet packet, flags fields that
indicate the processing to be performed on the packet, and other information
associated with the packet.
Data descriptors are formatted as follows:
31
24 23
16 15
8 7
0 Byte Offset
Flags
NextDD
0
NumPBs
FirstPB
4
SrcPort
LastPB
8
SrcChip
HashBkt
12
NextDD:
24-bit pointer to next data descriptor in linked-list of data descriptors forming
queue.
Flags:
8-bit data descriptor flags field, formatted as below.
FirstPB:
24-bit pointer to first packet buffer in linked-list of packet buffers containing
frame data. If NULL (zero), no packet buffer chain exists for this data
descriptor; this is only valid for special message data descriptors.
NumPBs:
8-bit count of packet buffers in chain pointed to by FirstPB.
LastPB:
24-bit pointer to last packet buffer in linked-list of packet buffers pointed to by
FirstPB.
SrcPort:
8-bit source port index within device: indicates the MAC channel upon which
the packet was received. For the ELAN 8x10, this ranges from 0 through 7.
HashBkt:
24-bit pointer to source or destination hash bucket.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com