Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 44 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 44 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 40Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 41Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 42Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 43Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 44Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 45Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 46Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 47Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 48Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
42
System Memory Map
The ELAN 8x10 device uses a single linear (flat) byte-addressable 16 MB address
space for accessing memory and memory-mapped devices. The external memory map
for the system described above is quite straightforward. From the point of view of the
local memory bus, it is as follows (note that the memory addresses shown increase
upwards):
0xffffff
Unused
Bank 3
0xc00000
0xbfffff
Unused
Bank 2
0x800004
0x800000
LED Register
0x4fffff
Unused
0x420000
Bank 1
0x41ffff
Boot EPROM
(32 kB; occupies 128 kB)
0x400000
0x3fffff
Unused
0x100000
Bank 0
0x0fffff
System DRAM
(1 MB)
0x000000
Note that the 32 kB boot EPROM actually occupies 128 kB of address space. This is
because the EPROM is only 8 bits wide (i.e., a 32k x 8-bit configuration), and so is
connected to the least significant byte lane of the memory data bus. Hence each byte of
the EPROM takes up a full 32 bits worth of address space, leading to the 128 kB
requirement.
In a similar manner to the 8-bit wide EPROM, the LED register is mapped to the least
significant 8 bits of the data bus, but takes up a full 32 bits of address space. No other
device is shown as being mapped to the ELAN 8x10 address space in this simple and
minimal system; however, other devices (such as RS232-C serial ports) may be
interfaced as well, provided that firmware is developed to support them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com