Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 67 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 67 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 63Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 64Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 65Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 66Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 67Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 68Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 69Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 70Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 71Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
65
starting at address 0x000000 hex in the external memory. Note that the operating
environment excludes the space used by Ethernet frame buffers and the queuing
structures used to track them, and also does not include the code, data or stack spaces
that are required by the (optional) real-time OS, UDP/IP stack, or SNMP agent
firmware.
The general layout of the operating environment is as follows (note that the memory
addresses increase downwards):
0x000000
Reserved for switching firmware
0x001FFF
0x002000
Frequently used variables and parameters
0x00207f
0x002080
Register save space for switching code
0x0020ff
0x002100
Local Port Descriptors
0x00237f
0x002380
Expansion Port Descriptors
0x0023ff
0x002400
Dispatch Table
0x00247f
0x002480
Miscellaneous variables and tables
0x0025ff
0x002600
Port Descriptor Error Counters
0x0029ff
0x002a00
Hash Pointer Array
0x00a9ff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com