Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 30 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 30 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 26Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 27Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 28Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 29Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 30Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 31Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 32Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 33Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 34Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
28
D.C. Characteristics
DC characteristics are specified over recommended operating conditions (TA = 0°C to
+70°C, VDD = 3.3 V ±5%).
Parameter
Description
TTL I/Os
PCI I/Os
Units
Min
Max
Min
Max
Vih
Input High Voltage
2.0
VDD +
0.5
2.0
VDD +
0.5
Vdc
Vil
Input Low Voltage
-0.5
0.8
-0.5
0.8
Vdc
Voh
Output High Voltage (VDD =
min, IOH = 2 mA, Note 2)
2.4
Vdd
2.4
Vdd
Vdc
Vol
Output Low Voltage (VDD =
min, IOL = -2 mA, Note 2)
0
0.4
0
0.4
Vdc
Iil
Input Low Leakage Current,
Note 3
-10
10
-10
10
µA
Iih
Input High Leakage Current,
Note 3
-10
10
-10
10
µA
Iilpu
Input Low Current (Pull ups,
VIL = GND, Notes 1)
+100
+20
µA
Iihpu
Input High Current (Pull ups,
VIH = VDD, Notes 1)
-10
+10
µA
Iddop
Supply Current, VDD = 3.47V,
Outputs Unloaded, SYSCLK =
50MHz
450
mA
Notes on D.C. Characteristics:
1. Input pin or bi-directional pin with internal pull-up resistor.
2. Output pin or bi-directional pins. Voh not measured on open drain ouputs
3. Negative currents flow into the device (sinking), positive currents flow out of the
device (sourcing).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com