Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 241 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 241 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 237Page - Silicon Laboratories C8051F360 Datasheet HTML 238Page - Silicon Laboratories C8051F360 Datasheet HTML 239Page - Silicon Laboratories C8051F360 Datasheet HTML 240Page - Silicon Laboratories C8051F360 Datasheet HTML 241Page - Silicon Laboratories C8051F360 Datasheet HTML 242Page - Silicon Laboratories C8051F360 Datasheet HTML 243Page - Silicon Laboratories C8051F360 Datasheet HTML 244Page - Silicon Laboratories C8051F360 Datasheet HTML 245Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 288 page
background image
Rev. 1.0
241
C8051F360/1/2/3/4/5/6/7/8/9
20.6. SPI Special Function Registers
SPI0 is accessed and controlled through four special function registers in the system controller: SPI0CN
Control Register, SPI0DAT Data Register, SPI0CFG Configuration Register, and SPI0CKR Clock Rate
Register. The four special function registers related to the operation of the SPI0 Bus are described in the
following figures.
SFR Definition 20.1. SPI0CFG: SPI0 Configuration
Bit 7:
SPIBSY: SPI Busy (read only).
This bit is set to logic ‘1’ when a SPI transfer is in progress (Master or slave Mode).
Bit 6:
MSTEN: Master Mode Enable.
0: Disable master mode. Operate in slave mode.
1: Enable master mode. Operate as a master.
Bit 5:
CKPHA: SPI0 Clock Phase.
This bit controls the SPI0 clock phase.
0: Data centered on first edge of SCK period.*
1: Data centered on second edge of SCK period.*
Bit 4:
CKPOL: SPI0 Clock Polarity.
This bit controls the SPI0 clock polarity.
0: SCK line low in idle state.
1: SCK line high in idle state.
Bit 3:
SLVSEL: Slave Selected Flag (read only).
This bit is set to logic ‘1’ whenever the NSS pin is low indicating SPI0 is the selected slave. It
is cleared to logic ‘0’ when NSS is high (slave not selected). This bit does not indicate the
instantaneous value at the NSS pin, but rather a de-glitched version of the pin input.
Bit 2:
NSSIN: NSS Instantaneous Pin Input (read only).
This bit mimics the instantaneous value that is present on the NSS port pin at the time that
the register is read. This input is not de-glitched.
Bit 1:
SRMT: Shift Register Empty (Valid in Slave Mode, read only).
This bit will be set to logic ‘1’ when all data has been transferred in/out of the shift register,
and there is no new information available to read from the transmit buffer or write to the
receive buffer. It returns to logic ‘0’ when a data byte is transferred to the shift register from
the transmit buffer or by a transition on SCK.
NOTE: SRMT = 1 when in Master Mode.
Bit 0:
RXBMT: Receive Buffer Empty (Valid in Slave Mode, read only).
This bit will be set to logic ‘1’ when the receive buffer has been read and contains no new
information. If there is new information available in the receive buffer that has not been read,
this bit will return to logic ‘0’.
NOTE: RXBMT = 1 when in Master Mode.
*Note: In slave mode, data on MOSI is sampled in the center of each data bit. In master mode, data on MISO is
sampled one SYSCLK before the end of each data bit, to provide maximum settling time for the slave
device. See Table 20.1 for timing parameters.
SFR Page:
SFR Address:
all pages
0xA1
R
R/W
R/W
R/W
R
R
R
R
Reset Value
SPIBSY
MSTEN
CKPHA
CKPOL
SLVSEL
NSSIN
SRMT
RXBMT
00000111
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com