Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 242 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 242 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 238Page - Silicon Laboratories C8051F360 Datasheet HTML 239Page - Silicon Laboratories C8051F360 Datasheet HTML 240Page - Silicon Laboratories C8051F360 Datasheet HTML 241Page - Silicon Laboratories C8051F360 Datasheet HTML 242Page - Silicon Laboratories C8051F360 Datasheet HTML 243Page - Silicon Laboratories C8051F360 Datasheet HTML 244Page - Silicon Laboratories C8051F360 Datasheet HTML 245Page - Silicon Laboratories C8051F360 Datasheet HTML 246Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
242
Rev. 1.0
SFR Definition 20.2. SPI0CN: SPI0 Control
Bit 7:
SPIF: SPI0 Interrupt Flag.
This bit is set to logic ‘1’ by hardware at the end of a data transfer. If interrupts are enabled,
setting this bit causes the CPU to vector to the SPI0 interrupt service routine. This bit is not
automatically cleared by hardware. It must be cleared by software.
Bit 6:
WCOL: Write Collision Flag.
This bit is set to logic ‘1’ by hardware (and generates a SPI0 interrupt) to indicate a write to
the SPI0 data register was attempted while a data transfer was in progress. It must be
cleared by software.
Bit 5:
MODF: Mode Fault Flag.
This bit is set to logic ‘1’ by hardware (and generates a SPI0 interrupt) when a master mode
collision is detected (NSS is low, MSTEN = 1, and NSSMD[1:0] = 01). This bit is not auto-
matically cleared by hardware. It must be cleared by software.
Bit 4:
RXOVRN: Receive Overrun Flag (Slave Mode only).
This bit is set to logic ‘1’ by hardware (and generates a SPI0 interrupt) when the receive
buffer still holds unread data from a previous transfer and the last bit of the current transfer is
shifted into the SPI0 shift register. This bit is not automatically cleared by hardware. It must
be cleared by software.
Bits 3–2: NSSMD1–NSSMD0: Slave Select Mode.
Selects between the following NSS operation modes:
(See Section 20.2 and Section 20.3).
00: 3-Wire Slave or 3-wire Master Mode. NSS signal is not routed to a port pin.
01: 4-Wire Slave or Multi-Master Mode (Default). NSS is always an input to the device.
1x: 4-Wire Single-Master Mode. NSS signal is mapped as an output from the device and will
assume the value of NSSMD0.
Bit 1:
TXBMT: Transmit Buffer Empty.
This bit will be set to logic ‘0’ when new data has been written to the transmit buffer. When
data in the transmit buffer is transferred to the SPI shift register, this bit will be set to logic ‘1’,
indicating that it is safe to write a new byte to the transmit buffer.
Bit 0:
SPIEN: SPI0 Enable.
This bit enables/disables the SPI.
0: SPI disabled.
1: SPI enabled.
SFR Page:
SFR Address:
all pages
0xF8
(bit addressable)
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
Reset Value
SPIF
WCOL
MODF
RXOVRN NSSMD1 NSSMD0
TXBMT
SPIEN
00000110
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com