Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 283 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 283 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 279Page - Silicon Laboratories C8051F360 Datasheet HTML 280Page - Silicon Laboratories C8051F360 Datasheet HTML 281Page - Silicon Laboratories C8051F360 Datasheet HTML 282Page - Silicon Laboratories C8051F360 Datasheet HTML 283Page - Silicon Laboratories C8051F360 Datasheet HTML 284Page - Silicon Laboratories C8051F360 Datasheet HTML 285Page - Silicon Laboratories C8051F360 Datasheet HTML 286Page - Silicon Laboratories C8051F360 Datasheet HTML 287Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 288 page
background image
Rev. 1.0
283
C8051F360/1/2/3/4/5/6/7/8/9
23.2. C2D Port Pin Requirements
Problem
The C2D debugging port pin (shared with P4.6 for C8051F360/3 and P3.0 for C8051F361/2/4/5/6/7/8/9)
behaves differently on "REV A" devices than specified in the data sheet.
On "REV A" devices, a C2D port pin that is pulled low by the associated port pin driver will disrupt debug-
ging capability. In order to communicate with the device through the C2 interface, the value in the port latch
associated C2D port pin must be '1'.
Workaround
To workaround this problem, add a strong pull-up resistor to the C2D port pin to ensure the pin will be high
unless explicitly driven low. Furthermore, the port pin should be left in open-drain mode with a '1' in the
appropriate port latch (PnMDOUT bit = '0', Pn bit = '1') when not in use. This will allow the debugging soft-
ware to transfer data via the C2D pin as often as possible.
This behavior has been corrected on "REV B" of this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com