Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 285 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 285 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 280Page - Silicon Laboratories C8051F360 Datasheet HTML 281Page - Silicon Laboratories C8051F360 Datasheet HTML 282Page - Silicon Laboratories C8051F360 Datasheet HTML 283Page - Silicon Laboratories C8051F360 Datasheet HTML 284Page - Silicon Laboratories C8051F360 Datasheet HTML 285Page - Silicon Laboratories C8051F360 Datasheet HTML 286Page - Silicon Laboratories C8051F360 Datasheet HTML 287Page - Silicon Laboratories C8051F360 Datasheet HTML 288Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 285 / 288 page
background image
Rev. 1.0
285
C8051F360/1/2/3/4/5/6/7/8/9
C2 Register Definition 24.3. REVID: C2 Revision ID
This read-only register returns the 8-bit revision ID: 0x00 (Revision A) or 0x01 (Revision B).
C2 Address:
0x01
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
C2 Register Definition 24.4. FPCTL: C2 Flash Programming Control
Bits7–0
FPCTL: Flash Programming Control Register.
This register is used to enable Flash programming via the C2 interface. To enable C2 Flash
programming, the following codes must be written in order: 0x02, 0x01. Note that once C2
Flash programming is enabled, a system reset must be issued to resume normal operation.
C2 Address:
0x02
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
C2 Register Definition 24.5. FPDAT: C2 Flash Programming Data
Bits7–0: FPDAT: C2 Flash Programming Data Register.
This register is used to pass Flash commands, addresses, and data during C2 Flash
accesses. Valid commands are listed below.
C2 Address:
0xB4
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Code
Command
0x06 Flash Block Read
0x07 Flash Block Write
0x08 Flash Page Erase
0x03 Device Erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com