Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 33 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 29Page - Texas Instruments XIO2000A Datasheet HTML 30Page - Texas Instruments XIO2000A Datasheet HTML 31Page - Texas Instruments XIO2000A Datasheet HTML 32Page - Texas Instruments XIO2000A Datasheet HTML 33Page - Texas Instruments XIO2000A Datasheet HTML 34Page - Texas Instruments XIO2000A Datasheet HTML 35Page - Texas Instruments XIO2000A Datasheet HTML 36Page - Texas Instruments XIO2000A Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 155 page
background image
Feature/Protocol Descriptions
23
April 2007
SCPS155B
Table 3−1. Bridge Reset Options
RESET OPTION
XIO2000A FEATURE
RESET RESPONSE
Bridge
internally-generated
power-on reset
During a power-on cycle, the bridge asserts an internal
reset and monitors the VDD_15_COMB (M17) terminal.
When this terminal reaches 90% of the nominal input
voltage specification, power is considered stable. After
stable power, the bridge monitors the PCI Express
reference clock (REFCLK) and waits 10
µs after active
clocks are detected. Then, internal power-on reset is
deasserted.
When the internal power-on reset is asserted, all
control registers, state machines, sticky register bits,
and power management state machines are initialized
to their default state.
In addition, the bridge asserts PCI bus reset (PRST).
Global reset input
GRST (N17)
When GRST is asserted low, an internal power-on
reset occurs. This reset is asynchronous and functions
during both normal power states and VAUX power
states.
When GRST is asserted low, all control registers, state
machines, sticky register bits, and power management
state machines are initialized to their default state.
In addition, the bridge asserts PCI bus reset (PRST).
When the rising edge of GRST occurs, the bridge
samples the state of all static control inputs and latches
the information internally. If an external serial EEPROM
is detected, then a download cycle is initiated. Also, the
process to configure and initialize the PCI Express link
is started. The bridge starts link training within 80 ms
after GRST is deasserted.
PCI Express reset input
PERST (J17)
This bridge input terminal is used by an upstream PCI
Express device to generate a PCI Express reset and to
signal a system power good condition.
When PERST is asserted low, the bridge generates an
internal PCI Express reset as defined in the PCI
Express specification.
When PERST transitions from low to high, a system
power good condition is assumed by the bridge.
Note: The system must assert PERST before power is
removed, before REFCLK is removed, or before
REFCLK becomes unstable.
When PERST is asserted low, all control register bits
that are not sticky are reset. Within the configuration
register maps, the sticky bits are indicated by the k
symbol. Also, all state machines that are not
associated with sticky functionality or VAUX power
management are reset.
In addition, the bridge asserts PCI bus reset (PRST).
When the rising edge of PERST occurs, the bridge
samples the state of all static control inputs and latches
the information internally. If an external serial EEPROM
is detected, then a download cycle is initiated. Also, the
process to configure and initialize the PCI Express link
is started. The bridge starts link training within 80 ms
after PERST is deasserted.
PCI Express training
control hot reset
The bridge responds to a training control hot reset
received on the PCI Express interface. After a training
control hot reset, the PCI Express interface enters the
DL_DOWN state.
In the DL_DOWN state, all remaining configuration
register bits and state machines are reset. All
remaining bits exclude sticky bits and EEPROM
loadable bits. All remaining state machines exclude
sticky functionality, EEPROM functionality, and VAUX
power management.
Within the configuration register maps, the sticky bits
are indicated by the k symbol and the EEPROM
loadable bits are indicated by the † symbol.
In addition, the bridge asserts PCI bus reset (PRST).
PCI bus reset
PRST (U03)
System software has the ability to assert and deassert
the PRST terminal on the secondary PCI bus interface.
This terminal is the PCI bus reset.
When bit 6 (SRST) in the bridge control register at
offset 3Eh (see Section 4.29) is asserted, the bridge
asserts the PRST terminal. A 0 in the SRST bit
deasserts the PRST terminal.
3.3
PCI Express Interface
3.3.1 External Reference Clock
The bridge requires either a differential, 100-MHz common clock reference or a single-ended, 125-MHz clock
reference. The selected clock reference must meet all PCI Express Electrical Specification requirements for
frequency tolerance, spread spectrum clocking, and signal electrical characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com