Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 24 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 20Page - Texas Instruments XIO2000A Datasheet HTML 21Page - Texas Instruments XIO2000A Datasheet HTML 22Page - Texas Instruments XIO2000A Datasheet HTML 23Page - Texas Instruments XIO2000A Datasheet HTML 24Page - Texas Instruments XIO2000A Datasheet HTML 25Page - Texas Instruments XIO2000A Datasheet HTML 26Page - Texas Instruments XIO2000A Datasheet HTML 27Page - Texas Instruments XIO2000A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 155 page
background image
Introduction
14
April 2007
SCPS155B
Table 2−4. Power Supply Terminals
SIGNAL
GZZ/ZZZ
BALL #
ZHH
BALL #
I/O
TYPE
EXTERNAL
PARTS
DESCRIPTION
VCCP
A04, J01
A04, G01
PWR
Bypass
capacitors
5.0-V or 3.3-V PCI bus clamp voltage to set
maximum I/O voltage tolerance of the secondary
PCI bus signals
VDD_15
D09, H14, J04,
P07, P15
D08, F14, G04,
L05, N12
PWR
Bypass
capacitors
1.5-V digital core power terminals
VDDA_15
F17, J14, J15,
G15
E11, F12, H11,
H13
PWR
Pi filter
1.5-V analog power terminal
VDD_33
C06, C13, D10,
E03, H04, M03,
P09, P10, P11,
R05, R14, T13
D04, D05, D09,
F04, F09, J06,
J07, K04, L08,
M09, M10, M11
PWR
Bypass
capacitors
3.3-V digital I/O power terminals
VDD_33_AUX
K14
J12
PWR
Bypass
capacitors
3.3-V auxiliary power terminal
Note: This terminal is connected to VSS through
a pulldown resistor if no auxiliary supply is
present.
VDDA_33
D15, K15
C12, J11
PWR
Pi filter
3.3-V analog power terminal
Table 2−5. Ground Terminals
SIGNAL
GZZ/ZZZ
BALL #
ZHH
BALL #
I/O
TYPE
DESCRIPTION
VSS
C05, C14, D03, D08, D11, G04,
G17, K04, K17, N03, P08, R04,
R06, R10, R11, R12, R13, R17
F06, F07, F08, F13, G06, G07,
G08, G09, H06, H07, H08, H09,
J08, J09, L09, L11, M08, N13
GND
Digital ground terminals
VSS
G07, G08, G09, G10, G11, H07,
H08, H09, H10, H11, J07, J08,
J09, J10, J11, K07, K08, K09,
K10, K11, L07, L08, L09, L10, L11
GND
Ground terminals for
thermally-enhanced package
VSSA
B17, E15, F15, F16, G14, G16,
H15, J16, L15
B14, D12, E12, F11, G11, G12,
K11, P13
GND
Analog ground terminal
Table 2−6. Combined Power Outputs
SIGNAL
GZZ/ZZZ
BALL #
ZHH
BALL #
I/O
TYPE
EXTERNAL
PARTS
DESCRIPTION
VDD_15_COMB
M17
K13
Feed
through
Bypass
capacitors
Internally-combined 1.5-V main and VAUX power output for external
bypass capacitor filtering. Supplies all internal 1.5-V circuitry
powered by VAUX.
Caution: Do not use this terminal to supply external power to other
devices.
VDD_33_COMB
K16
H14
Feed
through
Bypass
capacitors
Internally-combined 3.3-V main and VAUX power output for external
bypass capacitor filtering. Supplies all internal 3.3-V circuitry
powered by VAUX.
Caution: Do not use this terminal to supply external power to other
devices.
VDD_33_COMBIO
L14
K12
Feed
through
Bypass
capacitors
Internally-combined 3.3-V main and VAUX power output for external
bypass capacitor filtering. Supplies all internal 3.3-V input/output
circuitry powered by VAUX.
Caution: Do not use this terminal to supply external power to other
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com