Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 66 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 62Page - Texas Instruments XIO2000A Datasheet HTML 63Page - Texas Instruments XIO2000A Datasheet HTML 64Page - Texas Instruments XIO2000A Datasheet HTML 65Page - Texas Instruments XIO2000A Datasheet HTML 66Page - Texas Instruments XIO2000A Datasheet HTML 67Page - Texas Instruments XIO2000A Datasheet HTML 68Page - Texas Instruments XIO2000A Datasheet HTML 69Page - Texas Instruments XIO2000A Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 155 page
background image
Classic PCI Configuration Space
56
April 2007
SCPS155B
4.24 I/O Base Upper 16-Bit Register
This read/write register specifies the upper 16 bits of the I/O base register. See Table 4−15 for a complete
description of the register contents.
PCI register offset:
30h
Register type:
Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−15. I/O Base Upper 16-Bit Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:0
IOBASE
RW
I/O base upper 16 bits. Defines the upper 16 bits of the lowest address of the I/O address range
that determines when to forward I/O transactions downstream. These bits correspond to address
bits [31:20] in the I/O address. The lower 20 bits are assumed to be 00000h.
4.25 I/O Limit Upper 16-Bit Register
This read/write register specifies the upper 16 bits of the I/O limit register. See Table 4−16 for a complete
description of the register contents.
PCI register offset:
32h
Register type:
Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−16. I/O Limit Upper 16-Bit Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:0
IOLIMIT
RW
I/O limit upper 16 bits. Defines the upper 16 bits of the top address of the I/O address range that
determines when to forward I/O transactions downstream. These bits correspond to address
bits [31:20] in the I/O address. The lower 20 bits are assumed to be FFFFFh.
4.26 Capabilities Pointer Register
This read-only register provides a pointer into the PCI configuration header where the PCI power management
block resides. Since the PCI power management registers begin at 50h, this register is hardwired to 50h.
PCI register offset:
34h
Register type:
Read-only
Default value:
50h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
1
0
1
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com