Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 70 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 66Page - Texas Instruments XIO2000A Datasheet HTML 67Page - Texas Instruments XIO2000A Datasheet HTML 68Page - Texas Instruments XIO2000A Datasheet HTML 69Page - Texas Instruments XIO2000A Datasheet HTML 70Page - Texas Instruments XIO2000A Datasheet HTML 71Page - Texas Instruments XIO2000A Datasheet HTML 72Page - Texas Instruments XIO2000A Datasheet HTML 73Page - Texas Instruments XIO2000A Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 155 page
background image
Classic PCI Configuration Space
60
April 2007
SCPS155B
4.32 Power Management Capabilities Register
This read-only register indicates the capabilities of the bridge related to PCI power management. See
Table 4−18 for a complete description of the register contents.
PCI register offset:
52h
Register type:
Read-only
Default value:
0602h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
1
1
0
0
0
0
0
0
0
1
0
Table 4−18. Power Management Capabilities Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:11
PME_SUPPORT
R
PME support. This 5-bit field indicates the power states from which the bridge may assert PME.
Because the bridge never generates a PME except on a behalf of a secondary device, this field
is read-only and returns 00000b.
10
D2_SUPPORT
R
This bit returns a 1b when read, indicating that the function supports the D2 device power state.
9
D1_SUPPORT
R
This bit returns a 1b when read, indicating that the function supports the D1 device power state.
8:6
AUX_CURRENT
R
3.3 VAUX auxiliary current requirements. This field returns 000b since the bridge does not
generate PME from D3cold.
5
DSI
R
Device specific initialization. This bit returns 0b when read, indicating that the bridge does not
require special initialization beyond the standard PCI configuration header before a generic class
driver is able to use it.
4
RSVD
R
Reserved. Returns 0b when read.
3
PME_CLK
R
PME clock. This bit returns 0b indicating that the PCI clock is not needed to generate PME.
2:0
PM_VERSION
R
Power management version. If bit 26 (PCI_PM_VERSION_CTRL) in the general control register
(offset D4h, see Section 4.65) is 0b, then this field returns 010b indicating revision 1.1
compatibility. If PCI_PM_VERSION_CTRL is 1b, then this field returns 011b indicating revision
1.2 compatibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com