Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 79 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 75Page - Texas Instruments XIO2000A Datasheet HTML 76Page - Texas Instruments XIO2000A Datasheet HTML 77Page - Texas Instruments XIO2000A Datasheet HTML 78Page - Texas Instruments XIO2000A Datasheet HTML 79Page - Texas Instruments XIO2000A Datasheet HTML 80Page - Texas Instruments XIO2000A Datasheet HTML 81Page - Texas Instruments XIO2000A Datasheet HTML 82Page - Texas Instruments XIO2000A Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 155 page
background image
Classic PCI Configuration Space
69
April 2007
SCPS155B
Table 4−26. Device Control Register Description (Continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
3
URRE
RW
Unsupported request reporting enable. If this bit is set, then the bridge sends an ERR_NONFATAL
message to the root complex when an unsupported request is received.
0 = Do not report unsupported requests to the root complex (default)
1 = Report unsupported requests to the root complex
2
FERE
RW
Fatal error reporting enable. If this bit is set, then the bridge is enabled to send ERR_FATAL
messages to the root complex when a system error event occurs.
0 = Do not report fatal errors to the root complex (default)
1 = Report fatal errors to the root complex
1
NFERE
RW
Nonfatal error reporting enable. If this bit is set, then the bridge is enabled to send
ERR_NONFATAL messages to the root complex when a system error event occurs.
0 = Do not report nonfatal errors to the root complex (default)
1 = Report nonfatal errors to the root complex
0
CERE
RW
Correctable error reporting enable. If this bit is set, then the bridge is enabled to send ERR_COR
messages to the root complex when a system error event occurs.
0 = Do not report correctable errors to the root complex (default)
1 = Report correctable errors to the root complex
4.51 Device Status Register
The device status register provides PCI Express device specific information to the system. See Table 4−27
for a complete description of the register contents.
PCI register offset:
9Ah
Register type:
Read-only
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−27. Device Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:6
RSVD
R
Reserved. Returns 00 0000 0000b when read.
5
PEND
RU
Transaction pending. This bit is set when the bridge has issued a nonposted transaction that has
not been completed.
4
APD
RU
AUX power detected. This bit indicates that AUX power is present.
0 = No AUX power detected
1 = AUX power detected
3
URD
RCU
Unsupported request detected. This bit is set by the bridge when an unsupported request is
received.
2
FED
RCU
Fatal error detected. This bit is set by the bridge when a fatal error is detected.
1
NFED
RCU
Nonfatal error detected. This bit is set by the bridge when a nonfatal error is detected.
0
CED
RCU
Correctable error detected. This bit is set by the bridge when a correctable error is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com