Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 75 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 71Page - Texas Instruments XIO2000A Datasheet HTML 72Page - Texas Instruments XIO2000A Datasheet HTML 73Page - Texas Instruments XIO2000A Datasheet HTML 74Page - Texas Instruments XIO2000A Datasheet HTML 75Page - Texas Instruments XIO2000A Datasheet HTML 76Page - Texas Instruments XIO2000A Datasheet HTML 77Page - Texas Instruments XIO2000A Datasheet HTML 78Page - Texas Instruments XIO2000A Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 155 page
background image
Classic PCI Configuration Space
65
April 2007
SCPS155B
4.43 Next Item Pointer Register
The contents of this read-only register indicate the next item in the linked list of capabilities for the bridge. This
register reads 90h pointing to the PCI Express capabilities registers.
PCI register offset:
81h
Register type:
Read-only
Default value:
90h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
1
0
0
1
0
0
0
0
4.44 Subsystem Vendor ID Register
This register, used for system and option card identification purposes, may be required for certain operating
systems. This read-only register is initialized through the EEPROM and can be written through the subsystem
alias register. This register is reset by a PCI Express reset (PERST), a GRST, or the internally-generated
power-on reset.
PCI register offset:
84h
Register type:
Read-only
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
4.45 Subsystem ID Register
This register, used for system and option card identification purposes, may be required for certain operating
systems. This read-only register is initialized through the EEPROM and can be written through the subsystem
alias register. This register is reset by a PCI Express reset (PERST), a GRST, or the internally-generated
power-on reset.
PCI register offset:
86h
Register type:
Read-only
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
4.46 PCI Express Capability ID Register
This read-only register identifies the linked list item as the register for PCI Express capabilities. The register
returns 10h when read.
PCI register offset:
90h
Register type:
Read-only
Default value:
10h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
1
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com