Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 93 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 89Page - Texas Instruments XIO2000A Datasheet HTML 90Page - Texas Instruments XIO2000A Datasheet HTML 91Page - Texas Instruments XIO2000A Datasheet HTML 92Page - Texas Instruments XIO2000A Datasheet HTML 93Page - Texas Instruments XIO2000A Datasheet HTML 94Page - Texas Instruments XIO2000A Datasheet HTML 95Page - Texas Instruments XIO2000A Datasheet HTML 96Page - Texas Instruments XIO2000A Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 155 page
background image
Classic PCI Configuration Space
83
April 2007
SCPS155B
4.67 Clock Mask Register
This register selects which PCI bus clocks are disabled when bits 22:20 (POWER_OVRD) in the general
control register (offset D4h, see Section 4.65) are set to 010h or 011h. This register has no effect on the clock
outputs if the POWER_OVRD bits are not set to 010h or 011h or if the slot power limit is greater than the power
required. See Table 4−41 for a complete description of the register contents.
PCI register offset:
D9h
Register type:
Read-only, Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 4−41. Clock Mask Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7
RSVD
R
Reserved. Returns 0b when read.
6†
CLOCK6_MASK
RW
Clock output 6 mask. This bit disables PCI bus CLKOUT6 when the POWER_OVRD bits are set
to 010b or 011b and the slot power limit is exceeded.
0 = Clock enabled (default)
1 = Clock disabled
5†
CLOCK5_MASK
RW
Clock output 5 mask. This bit disables PCI bus CLKOUT5 when the POWER_OVRD bits are set
to 010b or 011b and the slot power limit is exceeded.
0 = Clock enabled (default)
1 = Clock disabled
4†
CLOCK4_MASK
RW
Clock output 4 mask. This bit disables PCI bus CLKOUT4 when the POWER_OVRD bits are set
to 010b or 011b and the slot power limit is exceeded.
0 = Clock enabled (default)
1 = Clock disabled
3†
CLOCK3_MASK
RW
Clock output 3 mask. This bit disables PCI bus CLKOUT3 when the POWER_OVRD bits are set
to 010b or 011b and the slot power limit is exceeded.
0 = Clock enabled (default)
1 = Clock disabled
2†
CLOCK2_MASK
RW
Clock output 2 mask. This bit disables PCI bus CLKOUT2 when the POWER_OVRD bits are set
to 010b or 011b and the slot power limit is exceeded.
0 = Clock enabled (default)
1 = Clock disabled
1†
CLOCK1_MASK
RW
Clock output 1 mask. This bit disables PCI bus CLKOUT1 when the POWER_OVRD bits are set
to 010b or 011b and the slot power limit is exceeded.
0 = Clock enabled (default)
1 = Clock disabled
0†
CLOCK0_MASK
RW
Clock output 0 mask. This bit disables PCI bus CLKOUT0 when the POWER_OVRD bits are set
to 010b or 011b and the slot power limit is exceeded.
0 = Clock enabled (default)
1 = Clock disabled
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com