Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 91 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 87Page - Texas Instruments XIO2000A Datasheet HTML 88Page - Texas Instruments XIO2000A Datasheet HTML 89Page - Texas Instruments XIO2000A Datasheet HTML 90Page - Texas Instruments XIO2000A Datasheet HTML 91Page - Texas Instruments XIO2000A Datasheet HTML 92Page - Texas Instruments XIO2000A Datasheet HTML 93Page - Texas Instruments XIO2000A Datasheet HTML 94Page - Texas Instruments XIO2000A Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 155 page
background image
Classic PCI Configuration Space
81
April 2007
SCPS155B
Table 4−39. General Control Register Description (Continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
19†
READ_
PREFETCH_
DIS
RW
Read prefetch disable. This bit controls the prefetch functionality on PCI memory read transactions.
0 = Prefetch to the next cache line boundary on a burst read (default)
1 = Fetch only a single DWORD on a burst read
18:16†
L0s_LATENCY
RW
L0s maximum exit latency. This field programs the maximum acceptable latency when exiting the L0s
state. This sets bits 8:6 (EP_L0S_LAT) in the device capabilities register (offset 94h, see Section
4.49).
000 = Less than 64 ns
001 = 64 ns up to less than 128 ns
010 = 128 ns up to less than 256 ns
011 = 256 ns up to less than 512 ns
100 = 512 ns up to less than 1
µs
101 = 1
µs up to less than 2 µs
110 = 2
µs to 4 µs (default)
111 = More than 4
µs
15:13†
L1_LATENCY
RW
L1 maximum exit latency. This field programs the maximum acceptable latency when exiting the L1
state. This sets bits 11:9 (EP_L1_LAT) in the device capabilities register (offset 94h, see
Section 4.49).
000 = Less than 1
µs
001 = 1
µs up to less than 2 µs
010 = 2
µs up to less than 4 µs
011 = 4
µs up to less than 8 µs
100 = 8
µs up to less than 16 µs
101 = 16
µs up to less than 32 µs
110 = 32
µs to 64 µs (default)
111 = More than 64
µs
12†
VC_CAP_EN
RW
VC capability structure enable. This bit enables the VC capability structure by changing the next
offset field of the advanced error reporting capability register at offset 102h.
0 = VC capability structure disabled (offset field = 000h)
1 = VC capability structure enabled (offset field = 150h)
11k
BPCC_E
RW
Bus power clock control enable. This bit controls whether the secondary bus PCI clocks are stopped
when the bridge is placed in the D3 state. It is assumed that if the secondary bus clocks are required
to be active, that a reference clock continues to be provided on the PCI Express interface.
0 = Secondary bus clocks are not stopped in D3 (default)
1 = Secondary bus clocks are stopped on D3
10k
BEACON_
ENABLE
RW
Beacon enable. This bit controls the mechanism for waking up the physical PCI Express link when in
L2.
0 = WAKE mechanism is used exclusively. Beacon is not used (default).
1 = Beacon and WAKE mechanisms are used
9:8†
MIN_POWER_
SCALE
RW
Minimum power scale. This value is programmed to indicate the scale of bits 7:0
(MIN_POWER_VALUE).
00 = 1.0x (default)
01 = 0.1x
10 = 0.01x
11 = 0.001x
7:0†
MIN_POWER_
VALUE
RW
Minimum power value. This value is programmed to indicate the minimum power requirements. This
value is multiplied by the minimum power scale field (bits 9:8) to determine the minimum power
requirements for the bridge. The default is 00h, because this feature is only usable when the system
implementer adds the PCI devices’ power consumption to the bridge power consumption and
reprograms this field with an EEPROM or the system BIOS.
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
kThese bits are sticky and must retain their value when the bridge is powered by VAUX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com