Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 57 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 53Page - Texas Instruments XIO2000A Datasheet HTML 54Page - Texas Instruments XIO2000A Datasheet HTML 55Page - Texas Instruments XIO2000A Datasheet HTML 56Page - Texas Instruments XIO2000A Datasheet HTML 57Page - Texas Instruments XIO2000A Datasheet HTML 58Page - Texas Instruments XIO2000A Datasheet HTML 59Page - Texas Instruments XIO2000A Datasheet HTML 60Page - Texas Instruments XIO2000A Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 155 page
background image
Classic PCI Configuration Space
47
April 2007
SCPS155B
4.3
Command Register
The command register controls how the bridge behaves on the PCI Express interface. See Table 4−2 for a
complete description of the register contents.
PCI register offset:
04h
Register type:
Read-only, Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−2. Command Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:11
RSVD
R
Reserved. Returns 00000b when read.
10
INT_DISABLE
R
INTx disable. This bit enables device specific interrupts. Since the bridge does not generate any
internal interrupts, this bit is read-only 0b.
9
FBB_ENB
R
Fast back-to-back enable. The bridge does not generate fast back-to-back transactions;
therefore, this bit returns 0b when read.
8
SERR_ENB
RW
SERR enable bit. When this bit is set, the bridge can signal fatal and nonfatal errors on the PCI
Express interface on behalf of SERR assertions detected on the PCI bus.
0 = Disable the reporting of nonfatal errors and fatal errors (default)
1 = Enable the reporting of nonfatal errors and fatal errors
7
STEP_ENB
R
Address/data stepping control. The bridge does not support address/data stepping, and this bit is
hardwired to 0b.
6
PERR_ENB
RW
Controls the setting of bit 8 (DATAPAR) in the status register (offset 06h, see Section 4.4) in
response to a received poisoned TLP from PCI Express. A received poisoned TLP is forwarded
with bad parity to conventional PCI regardless of the setting of this bit.
0 = Disables the setting of the master data parity error bit (default)
1 = Enables the setting of the master data parity error bit
5
VGA_ENB
R
VGA palette snoop enable. The bridge does not support VGA palette snooping; therefore, this bit
returns 0b when read.
4
MWI_ENB
RW
Memory write and invalidate enable. When this bit is set, the bridge translates PCI Express
memory write requests into memory write and invalidate transactions on the PCI interface.
0 = Disable the promotion to memory write and invalidate (default)
1 = Enable the promotion to memory write and invalidate
3
SPECIAL
R
Special cycle enable. The bridge does not respond to special cycle transactions; therefore, this
bit returns 0b when read.
2
MASTER_ENB
RW
Bus master enable. When this bit is set, the bridge is enabled to initiate transactions on the PCI
Express interface.
0 = PCI Express interface cannot initiate transactions. The bridge must disable the response
to memory and I/O transactions on the PCI interface (default).
1 = PCI Express interface can initiate transactions. The bridge can forward memory and I/O
transactions from PCI secondary interface to the PCI Express interface.
1
MEMORY_ENB
RW
Memory space enable. Setting this bit enables the bridge to respond to memory transactions on
the PCI Express interface.
0 = PCI Express receiver cannot process downstream memory transactions and must
respond with an unsupported request (default)
1 = PCI Express receiver can process downstream memory transactions. The bridge can
forward memory transactions to the PCI interface.
0
IO_ENB
RW
I/O space enable. Setting this bit enables the bridge to respond to I/O transactions on the PCI
Express interface.
0 = PCI Express receiver cannot process downstream I/O transactions and must respond
with an unsupported request (default)
1 = PCI Express receiver can process downstream I/O transactions. The bridge can forward
I/O transactions to the PCI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com