Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 71 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 67Page - Texas Instruments XIO2000A Datasheet HTML 68Page - Texas Instruments XIO2000A Datasheet HTML 69Page - Texas Instruments XIO2000A Datasheet HTML 70Page - Texas Instruments XIO2000A Datasheet HTML 71Page - Texas Instruments XIO2000A Datasheet HTML 72Page - Texas Instruments XIO2000A Datasheet HTML 73Page - Texas Instruments XIO2000A Datasheet HTML 74Page - Texas Instruments XIO2000A Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 155 page
background image
Classic PCI Configuration Space
61
April 2007
SCPS155B
4.33 Power Management Control/Status Register
This register determines and changes the current power state of the bridge. No internal reset is generated
when transitioning from the D3hot state to the D0 state. See Table 4−19 for a complete description of the
register contents.
PCI register offset:
54h
Register type:
Read-only, Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−19. Power Management Control/Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15
PME_STAT
R
PME status. This bit is read-only and returns 0b when read.
14:13
DATA_SCALE
R
Data scale. This 2-bit field returns 00b when read since the bridge does not use the data
register.
12:9
DATA_SEL
R
Data select. This 4-bit field returns 0h when read since the bridge does not use the data
register.
8
PME_EN
RW
PME enable. This bit has no function and acts as scratchpad space. The default value for this
bit is 0b.
7:4
RSVD
R
Reserved. Returns 0h when read.
3
NO_SOFT_RESET
R
No soft reset. If bit 26 (PCI_PM_VERSION_CTRL) in the general control register (offset D4h,
see Section 4.65) is 0b, then this bit returns 0b for compatibility with version 1.1 of the PCI
Power Management Specification. If PCI_PM_VERSION_CTRL is 1b, then this bit returns 1b
indicating that no internal reset is generated and the device retains its configuration context
when transitioning from the D3hot state to the D0 state.
2
RSVD
R
Reserved. Returns 0b when read.
1:0
PWR_STATE
RW
Power state. This 2-bit field determines the current power state of the function and sets the
function into a new power state. This field is encoded as follows:
00 = D0 (default)
01 = D1
10 = D2
11 = D3hot
4.34 Power Management Bridge Support Extension Register
This read-only register indicates to host software what the state of the secondary bus will be when the bridge
is placed in D3. See Table 4−20 for a complete description of the register contents.
PCI register offset:
56h
Register type:
Read-only
Default value:
40h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
1
0
0
0
0
0
0
Table 4−20. Power Management Bridge Support Extension Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7
BPCC
R
Bus power/clock control enable. This bit indicates to the host software if the bus secondary clocks
are stopped when the bridge is placed in D3. The state of the BPCC bit is controlled by bit 11
(BPCC_E) in the general control register (offset D4h, see Section 4.65).
0 = The secondary bus clocks are not stopped in D3
1 = The secondary bus clocks are stopped in D3
6
BSTATE
R
B2/B3 support. This bit is read-only 1b indicating that the bus state in D3 is B2.
5:0
RSVD
R
Reserved. Returns 00 0000b when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com