Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 87 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 83Page - Texas Instruments XIO2000A Datasheet HTML 84Page - Texas Instruments XIO2000A Datasheet HTML 85Page - Texas Instruments XIO2000A Datasheet HTML 86Page - Texas Instruments XIO2000A Datasheet HTML 87Page - Texas Instruments XIO2000A Datasheet HTML 88Page - Texas Instruments XIO2000A Datasheet HTML 89Page - Texas Instruments XIO2000A Datasheet HTML 90Page - Texas Instruments XIO2000A Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 155 page
background image
Classic PCI Configuration Space
77
April 2007
SCPS155B
4.61 Control and Diagnostic Register 0
The contents of this register are used for monitoring status and controlling behavior of the bridge. See
Table 4−35 for a complete description of the register contents. It is recommended that all values within this
register be left at the default value. Improperly programming fields in this register may cause interoperability
or other problems.
PCI register offset:
C0h
Register type:
Read/Write
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−35. Control and Diagnostic Register 0 Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:24†
PRI_BUS_NUM
R
This field contains the captured primary bus number
23:19†
PRI_DEVICE_
NUM
R
This field contains the captured primary device number
18:16
RSVD
R
Reserved. Returns 000b when read.
15:14†
RSVD
RW
Reserved. Bits 15:14 default to 00b. If this register is programmed via EEPROM or another
mechanism, the value written into this field must be 00b.
13:12
RSVD
R
Reserved. Returns 00b when read.
11:8†
RSVD
RW
Reserved. Bits 11:8 default to 0000b. If this register is programmed via EEPROM or another
mechanism, the value written into this field must be 0000b.
7
RSVD
R
Reserved. Returns 0b when read.
6†
PREFETCH_4X
RW
Prefetch 4X enable. This bit sets the prefetch behavior for upstream memory read multiple
transactions. If bit 24 (FORCE_MRM) in the general control register (offset D4h, see Section 4.65)
is set, then all upstream memory read transactions will prefetch the indicated number of cache lines.
If bit 19 (READ_PREFETCH_DIS) in the general control register (offset D4h, see Section 4.65) is
set, then this bit has no effect and only 1 DWORD will be fetched.
0 = The bridge will prefetch up to 2 cache lines, as defined in the cache line size register (offset
0Ch, see Section 4.6) for upstream memory read multiple (MRM) transactions (default)
1 = The bridge device will prefetch up to 4 cache lines, as defined in the cache line size register
(offset 0Ch, see Section 4.6) for upstream memory read multiple (MRM) transactions.
5:4†
UP_REQ_BUF
_VALUE
RW
PCI upstream req−res buffer threshold value. The value in this field controls the buffer space that
must be available for the bridge to accept a PCI bus transaction. If the cache line size is not valid,
then the bridge will use 8 DW for calculating the threshold value
00 = 1 Cacheline + 4 DW (default)
01 = 1 Cacheline + 8 DW
10 = 1 Cacheline + 12 DW
11 = 2 Cachelines + 4 DW
3†
UP_REQ_BUF
_CTRL
RW
PCI upstream req-res buffer threshold control. This bit enables the PCI upstream req-res buffer
threshold control mode of the bridge.
0 = PCI upstream req-res buffer threshold control mode disabled (default)
1 = PCI upstream req-res buffer threshold control mode enabled
2†
CFG_ACCESS
_MEM_REG
RW
Configuration access to memory-mapped registers. When this bit is set, the bridge allows
configuration access to memory-mapped configuration registers.
1†
RSVD
RW
Reserved. Bit 1 defaults to 0b. If this register is programmed via EEPROM or another mechanism,
the value written into this field must be 0b.
0
RSVD
R
Reserved. Returns 0b when read.
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com