Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 30 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 26Page - Texas Instruments XIO2000A Datasheet HTML 27Page - Texas Instruments XIO2000A Datasheet HTML 28Page - Texas Instruments XIO2000A Datasheet HTML 29Page - Texas Instruments XIO2000A Datasheet HTML 30Page - Texas Instruments XIO2000A Datasheet HTML 31Page - Texas Instruments XIO2000A Datasheet HTML 32Page - Texas Instruments XIO2000A Datasheet HTML 33Page - Texas Instruments XIO2000A Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 155 page
background image
Feature/Protocol Descriptions
20
April 2007
SCPS155B
3
Feature/Protocol Descriptions
This chapter provides a high-level overview of all significant device features. Figure 3−1 shows a simplified
block diagram of the basic architecture of the PCI-Express to PCI Bridge. The top of the diagram is the PCI
Express interface and the PCI bus interface is located at the bottom of the diagram.
PCI Express
Transmitter
PCI Express
Receiver
PCI Bus Interface
Configuration and
Memory Register
GPIO
Serial
EEPROM
Serial IRQ
Reset
Controller
Clock
Generator
Power
Mgmt
Figure 3−1. XIO2000A Block Diagram
3.1
Power-Up/-Down Sequencing
The bridge contains both 1.5-V and 3.3-V power terminals. In addition, a VAUX supply exists to support the
D3cold state. The clamping voltage (VCCP) can be either 3.3-V or 5.0-V, depending on the PCI bus interface
requirements. The following power-up and power-down sequences describe how power is applied to these
terminals.
In addition, the bridge has three resets: PERST, GRST, and an internal power-on reset. These resets are fully
described in Section 3.2. The following power-up and power-down sequences describe how PERST is applied
to the bridge.
The application of the PCI Express reference clock (REFCLK) is important to the power-up/-down sequence
and is included in the following power-up and power-down descriptions.
3.1.1 Power-Up Sequence
1.
Assert PERST to the device.
2.
Apply 1.5-V and 3.3-V voltages.
3.
Apply VCCP clamp voltage.
4.
Apply a stable PCI Express reference clock.
5.
To meet PCI Express specification requirements, PERST cannot be deasserted until the following two
delay requirements are satisfied:
−
Wait a minimum of 100
µs after applying a stable PCI Express reference clock. The 100-µs limit
satisfies the requirement for stable device clocks by the deassertion of PERST.
−
Wait a minimum of 100 ms after applying power. The 100-ms limit satisfies the requirement for stable
power by the deassertion of PERST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com