Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 12 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 8Page - Texas Instruments XIO2000A Datasheet HTML 9Page - Texas Instruments XIO2000A Datasheet HTML 10Page - Texas Instruments XIO2000A Datasheet HTML 11Page - Texas Instruments XIO2000A Datasheet HTML 12Page - Texas Instruments XIO2000A Datasheet HTML 13Page - Texas Instruments XIO2000A Datasheet HTML 14Page - Texas Instruments XIO2000A Datasheet HTML 15Page - Texas Instruments XIO2000A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 155 page
background image
Introduction
2
April 2007
SCPS155B
2
Introduction
The Texas Instruments XIO2000A is a PCI Express to PCI local bus translation bridge that provides full PCI
Express and PCI local bus functionality and performance.
2.1
Description
The XIO2000A is a single-function PCI Express to PCI translation bridge that is fully compliant to the PCI
Express to PCI/PCI-X Bridge Specification, Revision 1.0. For downstream traffic, the bridge simultaneously
supports up to eight posted and four nonposted transactions for each enabled virtual channel (VC). For
upstream traffic, up to six posted and four nonposted transactions are simultaneously supported for each VC.
The PCI Express interface is fully compliant to the PCI Express Base Specification, Revision 1.0a.
The PCI Express interface supports a x1 link operating at full 250 MB/s packet throughput in each direction
simultaneously. Two independent VCs are supported. The second VC is optimized for isochronous traffic
types and quality-of-service (QoS) applications. Also, the bridge supports the advanced error reporting
capability including extended CRC (ECRC) as defined in the PCI Express Base Specification. Supplemental
firmware or software is required to fully utilize both of these features.
Robust pipeline architecture is implemented to minimize system latency across the bridge. If parity errors are
detected, then packet poisoning is supported for both upstream and downstream operations.
The PCI local bus is fully compliant with the PCI Local Bus Specification (Revision 2.3) and associated
programming model. Also, the bridge supports the standard PCI-to-PCI bridge programming model.
The PCI bus interface is 32-bit and can operate at either 33 MHz or 66 MHz. Also, the PCI interface provides
fair arbitration and buffered clock outputs for up to 6 subordinate devices. The bridge has advanced VC
arbitration and PCI port arbitration features for upstream traffic. When these arbitration features are fully
utilized, bridge throughput performance may be tuned for a variety of complex applications.
Power management (PM) features include active state link PM, PME mechanisms, the beacon and wake
protocols, and all conventional PCI D-states. If the active state link PM is enabled, then the link automatically
saves power when idle using the L0s and L1 states. PM active state NAK, PM PME, and PME-to-ACK
messages are supported. Standard PCI bus power management features provide several low power modes,
which enable the host system to further reduce power consumption.
The bridge has additional capabilities including, but not limited to, serial IRQ with MSI messages, serial
EEPROM, power override, clock run, and PCI bus LOCK. Also, eight general-purpose inputs and outputs
(GPIOs) are provided for further system control and customization.
2.2
Related Documents
•
PCI Express to PCI/PCI-X Bridge Specification, Revision 1.0
•
PCI Express Base Specification, Revision 1.0a
•
PCI Express Card Electromechanical Specification, Revision 1.0a
•
PCI Local Bus Specification, Revision 2.3
•
PCI-to-PCI Bridge Architecture Specification, Revision 1.2
•
PCI Bus Power Management Interface Specification, Revision 1.1 or 1.2
•
PCI Mobile Design Guide, Revision 1.1
•
Serialized IRQ Support for PCI Systems, Revision 6.0
•
PCI Express Jitter and BER White Paper
2.3
Trademarks
•
PCI Express is a trademark of PCI-SIG
•
TI and MicroStar BGA are trademarks of Texas Instruments
•
Other trademarks are the property of their respective owners



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com