Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 34 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 30Page - Texas Instruments XIO2000A Datasheet HTML 31Page - Texas Instruments XIO2000A Datasheet HTML 32Page - Texas Instruments XIO2000A Datasheet HTML 33Page - Texas Instruments XIO2000A Datasheet HTML 34Page - Texas Instruments XIO2000A Datasheet HTML 35Page - Texas Instruments XIO2000A Datasheet HTML 36Page - Texas Instruments XIO2000A Datasheet HTML 37Page - Texas Instruments XIO2000A Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 155 page
background image
Feature/Protocol Descriptions
24
April 2007
SCPS155B
If the REFCLK_SEL (A16) input is connected to VSS, then a differential, 100-MHz common clock reference
is expected by the bridge. If the A16 terminal is connected to VDD_33, then a single-ended, 125-MHz clock
reference is expected by the bridge.
When the single-ended, 125-MHz clock reference option is enabled, the single-ended clock signal is
connected to the REFCLK+ (C17) terminal. The REFCLK− (C16) terminal is connected to one side of an
external capacitor with the other side of the capacitor connected to VSS.
When using a single-ended reference clock, care must be taken to ensure interoperability from a system jitter
standpoint. The PCI Express Base Specification does not ensure interoperability when using a differential
reference clock commonly used in PC applications along with a single-ended clock in a noncommon clock
architecture. System jitter budgets will have to be verified to ensure interoperability. See the PCI Express Jitter
and BER White Paper from the PCI-SIG.
3.3.2 Beacon
The bridge supports the PCI Express in-band beacon feature. Beacon is driven on the upstream PCI Express
link by the bridge to request the reapplication of main power when in the L2 link state. To enable the beacon
feature, bit 10 (BEACON_ENABLE) in the general control register at offset D4h is asserted. See Section 4.65,
General Control Register, for details.
If the bridge is in the L2 link state and beacon is enabled, when a secondary PCI bus device asserts PME,
then the bridge outputs the beacon signal on the upstream PCI Express link. The beacon signal frequency
is approximately 500 kHz
± 50% with a differential peak-to-peak amplitude of 500 mV and no de-emphasis.
Once the beacon is activated, the bridge continues to send the beacon signal until main power is restored as
indicated by PERST going inactive. At this time, the beacon signal is deactivated.
3.3.3 Wake
The bridge supports the PCI Express sideband WAKE feature. WAKE is an active low signal driven by the
bridge to request the reapplication of main power when in the L2 link state. Since WAKE is an open-collector
output, a system-side pullup resistor is required to prevent the signal from floating.
When the bridge is in the L2 link state and PME is received from a device on the secondary PCI bus, the WAKE
signal is asserted low as a wakeup mechanism. Once WAKE is asserted, the bridge drives the signal low until
main power is restored as indicated by PERST going inactive. At this time, WAKE is deasserted.
3.3.4 Initial Flow Control Credits
The bridge flow control credits are initialized using the rules defined in the PCI Express Base Specification.
Table 3−2 identifies the initial flow control credit advertisement for the bridge. The initial advertisement is
exactly the same when a second virtual channel (VC) is enabled.
Table 3−2. Initial Flow Control Credit Advertisements
CREDIT TYPE
INITIAL ADVERTISEMENT
Posted request headers (PH)
8
Posted request data (PD)
128
Nonposted header (NPH)
4
Nonposted data (NPD)
4
Completion header (CPLH)
0 (infinite)
Completion data (CPLD)
0 (infinite)
3.3.5 PCI Express Message Transactions
PCI Express messages are both initiated and received by the bridge. Table 3−3 outlines message support
within the bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com