Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 97 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 93Page - Texas Instruments XIO2000A Datasheet HTML 94Page - Texas Instruments XIO2000A Datasheet HTML 95Page - Texas Instruments XIO2000A Datasheet HTML 96Page - Texas Instruments XIO2000A Datasheet HTML 97Page - Texas Instruments XIO2000A Datasheet HTML 98Page - Texas Instruments XIO2000A Datasheet HTML 99Page - Texas Instruments XIO2000A Datasheet HTML 100Page - Texas Instruments XIO2000A Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 155 page
background image
Classic PCI Configuration Space
87
April 2007
SCPS155B
4.71 Arbiter Time-Out Status Register
The arbiter time-out status register contains the status of each request (request 5–0) time-out. The time-out
status bit for the respective request is set if the device did not assert FRAME after the arbiter time-out value.
See Table 4−45 for a complete description of the register contents.
PCI register offset:
DEh
Register type:
Read/Clear
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 4−45. Arbiter Time-Out Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7:6
RSVD
R
Reserved. Returns 00b when read.
5
REQ5_TO
RCU
Request 5 time-out status
0 = No time-out
1 = Time-out has occurred
4
REQ4_TO
RCU
Request 4 time-out status
0 = No time-out
1 = Time-out has occurred
3
REQ3_TO
RCU
Request 3 time-out status
0 = No time-out
1 = Time-out has occurred
2
REQ2_TO
RCU
Request 2 time-out status
0 = No time-out
1 = Time-out has occurred
1
REQ1_TO
RCU
Request 1 time-out status
0 = No time-out
1 = Time-out has occurred
0
REQ0_TO
RCU
Request 0 time-out status
0 = No time-out
1 = Time-out has occurred
NOTE:If bit 6 (AUTO_MASK) in the arbiter request mask register (offset DDh, see
Section 4.70) is asserted and a PCI bus request time-out is detected, then the request time-out
status bits require a special reset sequence. First, the AUTO_MASK bit must be cleared to
0b. Then, the REQ[5:0]_TO bit will clear after a write-back of 1b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com